Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5620 Datasheet (PDF) - Honeywell Solid State Electronics Center

SD5620 Datasheet PDF - Honeywell Solid State Electronics Center
Part # SD5620
Download  SD5620 Download
File Size   1025.5 Kbytes
Page   18 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Infrared Sensors Line Guide

SD5620 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD5620 Datasheet PDF - Honeywell Solid State Electronics Center

Part # SD5620
Download  SD5620 Click to download

File Size   1025.5 Kbytes
Page   18 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Infrared Sensors Line Guide

SD5620 Datasheet (HTML) - Honeywell Solid State Electronics Center


SD5620 Product details

FEATURES
REFLECTIVE SENSORS
HOA1395.
Features: Side-looking plastic package
• Phototransistor output
• Infrared emitter and phototransistor detector in a single package
• Low profile for design flexibility
• Designed for short-distance detection
• Enhanced sensitivity • Unfocused for sensing diffused surfaces
Benefits: Miniature infrared sensor designed to sense reflective objects at short distances. Infrared emitter and phototransistor are mounted side-by-side with an integral barrier to minimize crosstalk.
HOA0149.
Features: Phototransistor output
• Focused for maximum response
• Low-profile housing
• Plastic ABS molded housing
Benefits: An infrared emitter and phototransistor encased side-by-side on converging optical axes. Phototransistor responds to radiation from an infrared transmitter only when a reflective object passes within its field of view.
HOA1180.
Features: Choice of phototransistor or photodarlington output
• Enhanced sensitivity
• Wide operating temperature -55 °C to 100 °C [-67 °F to 212 °F]
• 305 mm [12 in] min. 28 AWG PVC insulated wire leads
• Metal can packaged components
Benefits: Consists of an infrared emitter and phototransistor or photodarlington encased side-by-side on converging axes. Detector responds to radiation from an infrared emitter only when a reflective object passes within its field of view.
HOA1397.
Features: Choice of phototransistor or photodarlington output
• Low profile for design sensitivity
• Unfocused for sensing diffused surfaces
• Plastic-molded components
Benefits: An infrared emitter and phototransistor or photodarlington encased side-by-side on parallel axes. Detector responds to radiation from infrared emitter only when a reflective object passes within its field of view. Potential applications include presence sensing, motion sensing, movement detection, and counting.
HOA1405.
Features: Phototransistor output
• Focused for maximum response
• Ambient light and dust protective filter
• Plastic-molded components
Benefits: An infrared emitter and phototransistor encased side-by-side on converging optical axes. Phototransistor responds to radiation from an infrared emitter only when a reflective object passes within its field of view. Employs an IR transmissive filter to minimize the effects of visible ambient light and to provide a smooth optical face which prevents the accumulation of airborne




Similar Part No. - SD5620

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD5620 ETC1-SD5620 Datasheet
257Kb / 2P
Hermetic Optoschmitts
logo
Honeywell Accelerometer...
SD5620 HONEYWELL-ACC-SD5620 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
SD5620 HONEYWELL-ACC-SD5620 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
More results


Similar Description - SD5620

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
HOA0901-011 HONEYWELL-ACC-HOA0901-011 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com