Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1082476 Datasheet (PDF) - SICK AG

1082476 Datasheet PDF - SICK AG
Part # 1082476
Download  1082476 Download
File Size   431.07 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description MULTITASK PHOTOELECTRIC SENSORS

1082476 Datasheet (PDF)

Go To PDF Page Download Datasheet
1082476 Datasheet PDF - SICK AG

Part # 1082476
Download  1082476 Click to download

File Size   431.07 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description MULTITASK PHOTOELECTRIC SENSORS

1082476 Datasheet (HTML) - SICK AG


1082476 Product details

Features
Functional principle Photoelectric proximity sensor
Functional principle detail Background suppression, Optical time-of-flight
Dimensions (W x H x D) 20 mm x 49.6 mm x 44.2 mm
Housing design (light emission) Rectangular
Sensing range max. 50 mm ... 1,600 mm
Sensing range 100 mm ... 1,600 mm
Distance value
Measuring range 100 mm ... 1,600 mm
Resolution 1 mm
Repeatability 2,7 mm ... 8,0 mm
Accuracy Typ. ± 20 mm, typ. ± 15 mm
Type of light Visible red light
Light source Laser
Light spot size (distance) Ø 11 mm (1,600 mm)
Wave length 658 nm
Laser class 1 (IEC 60825-1 / CDRH 21 CFR 1040.10 & 1040.11)
Adjustment Single teach-in button (2 x)




Similar Part No. - 1082476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1082479 PHOENIX-1082479 Datasheet
231Kb / 9P
Distribution block - PTFIX 6X10/S-NS35A GY
More results


Similar Description - 1082476

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com