Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM11L Datasheet (PDF) - Eaton All Rights Reserved.

PVM11L Datasheet PDF - Eaton All Rights Reserved.
Part # PVM11L
Download  PVM11L Download
File Size   909.85 Kbytes
Page   4 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Champ® Pro PVM Series LED Luminaires Ideal for general high bay/low bay illumination

PVM11L Datasheet (PDF)

Go To PDF Page Download Datasheet
PVM11L Datasheet PDF - Eaton All Rights Reserved.

Part # PVM11L
Download  PVM11L Click to download

File Size   909.85 Kbytes
Page   4 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Champ® Pro PVM Series LED Luminaires Ideal for general high bay/low bay illumination

PVM11L Datasheet (HTML) - Eaton All Rights Reserved.


PVM11L Product details

Applications:

« Ordinary non-hazardous locations with
‘mounting heights up to 60 feet

* Heavy industrial, mine site processing
areas, platforms, loading docks, tunnels,
indoor/outdoor spotlighting, outdoor wall
and stanchion mounted general area
lighting, and areas requiring frequent
on-and-off of lights

Locations requiring continuous and
consistent light levels in extreme ambient
temperatures

* Where extremely corrosive, wet, dusty,
hot and/or cold conditions exist

« Type 4X, marine, wet locations and hose
down environments

Features:

« Instant illumination and restrike

Better visibility with crisp, white light

« Cold temperature operation/no warm-up
required

« Option for redundancy in drivers with
multiple series circuits connected to
each driver to avoid complete loss of
illumination

Easy installation — compact modular fixture
attaches onto existing Champ mounting
‘module

* Energy-efficient technology — up to 64%
energy savings over HID fixtures.

Contains no mercury or other hazardous
substances

* Shock- and vibration-resistant solid-state
luminaires have no filaments or glass
components that could break — greatly
reduces the risk of premature failure

+ Operating ambient: -40°C to 65°C (PVM3L-
PVM11L/UNV1 models); 40°C to 55°C
(PVMBL-PVM11L/UNV34 and PVM13L-
PVM25L models)

Full cut-off with no wasted light above the
fixture

5 year fixture warranty®




Similar Part No. - PVM11L

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PVM EATON-PVM Datasheet
715Kb / 2P
PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
logo
VIGO Photonics S.A.
PVM VIGO-PVM Datasheet
695Kb / 2P
2.0 – 13.0 μm HgCdTe ambient temperature photovoltaic multiple junction detectors
09/11/2020
logo
Cooper Bussmann, Inc.
PVM-10 COOPER-PVM-10 Datasheet
622Kb / 2P
PVM fast-acting 13??2? x 1 1??? (10x38mm) 600Vdc photovoltaic fuses
logo
Eaton All Rights Reserv...
PVM-10 EATON-PVM-10 Datasheet
715Kb / 2P
PVM fast-acting 13??2? x 1-1??? (10x38 mm) 600 Vdc photovoltaic fuses
logo
VIGO Photonics S.A.
PVM-10.6 VIGO-PVM-10.6 Datasheet
695Kb / 2P
2.0 – 13.0 μm HgCdTe ambient temperature photovoltaic multiple junction detectors
09/11/2020
More results


Similar Description - PVM11L

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HB2C4M-EU DIALIGHT-HB2C4M-EU Datasheet
339Kb / 2P
DuroSite Series LED High Bay Luminaire
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
SafeSite Series LED High Bay Luminaire
LBW1C1D DIALIGHT-LBW1C1D Datasheet
117Kb / 2P
DuroSite LED Low Bay Fixture
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
SafeSite짰 Series LED High Bay
HBGCMP DIALIGHT-HBGCMP Datasheet
1Mb / 8P
DuroSite짰 Series LED High Bay
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
DuroSite짰 LED High Bay
LBW1C1A DIALIGHT-LBW1C1A Datasheet
439Kb / 4P
DuroSite짰 Series LED Low Bay
logo
Cree, Inc
C12345-HB-5X1 CREE-C12345-HB-5X1 Datasheet
295Kb / 5P
High Bay series
C12361-HB-2X2 CREE-C12361-HB-2X2 Datasheet
294Kb / 5P
High Bay series
logo
List of Unclassifed Man...
HBX-110-6500 ETC2-HBX-110-6500 Datasheet
472Kb / 9P
LED High Bay Lamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com