Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0340 Datasheet (PDF) - Texas Instruments

LMH0340 Datasheet PDF - Texas Instruments
Part # LMH0340
Download  LMH0340 Download
File Size   590.0 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver With LVDS Interface

LMH0340 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0340 Datasheet PDF - Texas Instruments

Part # LMH0340
Download  LMH0340 Click to download

File Size   590.0 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver With LVDS Interface

LMH0340 Datasheet (HTML) - Texas Instruments


LMH0340 Product details

1FEATURES
2• LVDS Interface to Host FPGA
• No External VCO or Clock Ref Required
• Integrated Variable Output Cable Driver
• 3.3V SMBus Configuration Interface
• Integrated TXCLK PLL Cleans Clock Noise
• Small 48-Pin WQFN Package
• Industrial Temperature range: -40°C to 85°C

APPLICATIONS
• SDI Unterfaces for:
– Video Cameras
– DVRs
– Video Switchers
– Video Editing Systems

KEY SPECIFICATIONS
• Output Compliant With SMPTE 424M, SMPTE
292M, SMPTE 259M-C and DVB-ASI (See
Table 1)
• Typical Power Dissipation: 440 mW
• 30 ps Typical Output Jitter (HD, 3G)

DESCRIPTION
The LMH0340/0040/0070/0050 SDI Serializers are
part of TI’s family of FPGA-Attach SER/DES products
supporting 5-bit LVDS interfaces with FPGAs. An
FPGA Host will format data with supplied IP such that
the output of the LMH0340 is compliant with the
requirements of DVB-ASI, SMPTE 259M-C, SMPTE 292M and SMPTE 424M standards. See Table 1 for
details on which Standards are supported per device.
The interface between the SER (Serializer) and the
FPGA consists of a 5 bit wide LVDS data bus, an
LVDS clock and an SMBus interface. The
LMH0340/0040/0070 SER devices include an
integrated cable driver which is fully compliant with all of the SMPTE specifications listed above. The
LMH0050 has a CML output driver that can drive a
differential transmission line or interface to a cable
driver.
The FPGA-Attach SER/DES family is supported by a
suite of IP which allows the design engineer to
quickly develop video applications using the
SER/DES products. The SER is packaged in a
physically small 48-pin WQFN package.




Similar Part No. - LMH0340

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0340 NSC-LMH0340 Datasheet
470Kb / 24P
3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
LMH0340 NSC-LMH0340 Datasheet
517Kb / 26P
3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface
LMH0340SQ NSC-LMH0340SQ Datasheet
470Kb / 24P
3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
LMH0340SQ NSC-LMH0340SQ Datasheet
517Kb / 26P
3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface
logo
Texas Instruments
LMH0340SQ/NOPB TI1-LMH0340SQ/NOPB Datasheet
926Kb / 30P
3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver With LVDS Interface
More results


Similar Description - LMH0340

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
logo
National Semiconductor ...
LMH4345 NSC-LMH4345 Datasheet
166Kb / 6P
3 Gbps, HD, SD, DVB-ASI SDI Dual Serializer / Deserializer (SER/DES) with Loopthrough and LVDS Interface
LMH0340 NSC-LMH0340_08 Datasheet
470Kb / 24P
3G, HD, SD, DVB-ASI SDI Serializer and Driver with LVDS Interface
LMH0341 NSC-LMH0341_08 Datasheet
530Kb / 28P
3G, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
LMH0340 NSC-LMH0340_09 Datasheet
517Kb / 26P
3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver with LVDS Interface
LMH0341 NSC-LMH0341_09 Datasheet
578Kb / 28P
3 Gbps, HD, SD, DVB-ASI SDI Deserializer with Loopthrough and LVDS Interface
logo
Gennum Corporation
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
logo
Texas Instruments
LMH0340SQE TI1-LMH0340SQE Datasheet
926Kb / 30P
3 Gbps, HD, SD, DVB-ASI SDI Serializer and Cable Driver With LVDS Interface
LMH0041 TI1-LMH0041 Datasheet
944Kb / 33P
HD, SD, DVB-ASI SDI Deserializer
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
3-Gbps HD/SD SDI Cable Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com