Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0384 Datasheet (PDF) - Texas Instruments

LMH0384 Datasheet PDF - Texas Instruments
Part # LMH0384
Download  LMH0384 Download
File Size   723.61 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0384 3-Gbps HD - SD SDI Extended Reach and Configurable Adaptive Cable Equalizer

LMH0384 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH0384 Datasheet PDF - Texas Instruments

Part # LMH0384
Download  LMH0384 Click to download

File Size   723.61 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH0384 3-Gbps HD - SD SDI Extended Reach and Configurable Adaptive Cable Equalizer

LMH0384 Datasheet (HTML) - Texas Instruments


LMH0384 Product details

1 Features
1• Compliant With ST 424, ST 292, ST 344, and ST
259
• Supports DVB-ASI at 270 Mbps
• Wide Range of Data Rates: 125 Mbps to 2.97
Gbps
• Equalizes up to 140 Meters of Belden 1694A at
2.97 Gbps, up to 200 Meters of Belden 1694A at
1.485 Gbps, or Up to 400 Meters of Belden 1694A
at 270 Mbps
• Power Save Mode With Auto Sleep Control (35
mW Typical Power Consumption in Power Save
Mode)
• Optional SPI Register Access
• Manual Bypass and Output Mute With a
Programmable Threshold
• Internally Terminated 100-Ω LVDS Outputs With
SPI Programmable Output Common-Mode
Voltage and Swing
• Programmable Launch Amplitude Optimization in
SPI Mode
• Cable Length Indicator in SPI Mode
• Single 3.3-V Supply Operation
• 16-Pin WQFN Package
• Industrial Temperature Range: −40°C to +85°C
• Footprint Compatible With the LMH0344,
LMH0044, and LMH0074 in Pin Mode

2 Applications
• ST 424, ST 292, ST 344, and ST 259 Serial
Digital Interfaces
• Serial Digital Data Equalization and Reception
• Data Recovery Equalization (1)

3 Description
The LMH0384 3-Gbps HD - SD SDI Extended Reach
and Configurable Adaptive Cable Equalizer is
designed to equalize data transmitted over cable (or
any media with similar dispersive loss
characteristics). The equalizer operates over a wide
range of data rates from 125 Mbps to 2.97 Gbps and
supports ST 424, ST 292, ST 344, and ST 259
standards.
The LMH0384 device includes active sensing
features and design enhancements including longer
cable equalization, lower output jitter, configurable pin
mode and SPI modes, a power-saving sleep mode,
and programmable output common-mode voltage and swing. The LMH0384 implements DC restoration to
correctly handle pathological data conditions.
The LMH0384 includes an auto sleep mode to power
down the device when no input signal is detected.
Other features include separate carrier detect and
output mute pins which may be tied together to mute
the output when no input signal is present, and a
programmable mute reference which may be used to
mute the output at a selectable level of signal degradation.
The LMH0384 supports two modes of operation. In pin mode (non-SPI mode) the LMH0384 is footprint
compatible with the LMH0344 and legacy SDI
equalizers. In the optional SPI mode, the LMH0384
provides register access to all of its features along
with a cable length indicator, programmable output common-mode voltage and swing, and launch
amplitude optimization.




Similar Part No. - LMH0384

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0384 TI1-LMH0384 Datasheet
1Mb / 29P
3-Gbps HD - SD SDI Extended Reach
logo
National Semiconductor ...
LMH0384SQ NSC-LMH0384SQ Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0384SQ/NOPB TI1-LMH0384SQ/NOPB Datasheet
1Mb / 29P
3-Gbps HD - SD SDI Extended Reach
LMH0384SQE/NOPB TI1-LMH0384SQE/NOPB Datasheet
1Mb / 29P
3-Gbps HD - SD SDI Extended Reach
More results


Similar Description - LMH0384

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0384 TI1-LMH0384 Datasheet
1Mb / 29P
3-Gbps HD - SD SDI Extended Reach
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
3-Gbps HD - SD SDI Adaptive Cable Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com