Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1982 Datasheet (PDF) - Texas Instruments

LMH1982 Datasheet PDF - Texas Instruments
Part # LMH1982
Download  LMH1982 Download
File Size   696.79 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH1982 Multi-Rate Video Clock Generator With Genlock

LMH1982 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH1982 Datasheet PDF - Texas Instruments

Part # LMH1982
Download  LMH1982 Click to download

File Size   696.79 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH1982 Multi-Rate Video Clock Generator With Genlock

LMH1982 Datasheet (HTML) - Texas Instruments


LMH1982 Product details

1 Features
1• Two Simultaneous LVDS Output Clocks with
Selectable Frequencies and Hi-Z Capability:
– SD Clock: 27 MHz or 67.5 MHz
– HD Clock: 74.25 MHz, 74.25/1.001 MHz,
148.5 MHz or 148.5/1.001 MHz
• Low-Jitter Output Clocks May Be Directly
Connected to an FPGA Serializer to Meet SMPTE
SDI Jitter Specifications
• Top of Frame (TOF) Pulse with Programmable
Output Format Timing and Hi-Z Capability
• Two reference ports (A and B) With H and V Sync
Inputs
• Supports Cross-Locking of Input and Output
Timing
• External Loop Filter Allows Control of Loop
Bandwidth, Jitter Transfer, and Lock Time
Characteristics
• Free Run or Holdover Operation on Loss of
Reference
• User-Defined Free Run Control Voltage Input
• I2C Interface and Control Registers
• 3.3-V and 2.5-V Supplies

2 Applications
• Video Genlock and Synchronization
• FPGA SDI SerDes Recovered Clock Generation
• Triple Rate 3G/HD/SD-SDI SerDes
• Video Capture, Conversion, Editing and
Distribution
• Video Displays and Projectors
• Broadcast and Professional Video Equipment

3 Description
The LMH1982 device is a multi-rate video clock
generator ideal for use in a wide range of 3-Gbps
(3G), high-definition (HD), and standard-definition
(SD) video applications, such as video
synchronization, serial digital interface (SDI) serializer
and deserializer (SerDes), video conversion, video
editing, and other broadcast and professional video
systems.
The LMH1982 can generate two simultaneous SD
and HD clocks and a Top of Frame (TOF) pulse. In
genlock mode, the device's phase locked loops (PLLs) can synchronize the output signals to H sync
and V sync input signals applied to either of the
reference ports. The input reference can have analog
timing from Texas Instrument's LMH1981 multi-format
video sync separator or digital timing from an SDI
deserializer and should conform to the major SD and HD standards. When a loss of reference occurs, the
device can default to free run operation where the
output timing accuracy will be determined by the
external bias on the free run control voltage input.
The LMH1982 can replace discrete PLLs and field-
programmable gate array (FPGA) PLLs with multiple
voltage controlled crystal oscillators (VCXOs). Only
one 27.0000 MHz VCXO and loop filter are externally required for genlock mode. The external loop filter as
well as programmable PLL parameters can provide narrow loop bandwidths to minimize jitter transfer. HD
clock output jitter as low as 40 ps peak-to-peak can
help designers using FPGA SerDes meet stringent
SDI output jitter specifications.
The LMH1982 is offered in a space-saving 5 mm x 5
mm 32-pin WQFN package and provides low total power consumption of about 250 mW (typical).




Similar Part No. - LMH1982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
Multi-Rate Video Clock Generator with Genlock
LMH1982SQ NSC-LMH1982SQ Datasheet
504Kb / 28P
Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
Multi-Rate Video Clock Generator with Genlock
LMH1982SQ/NOPB TI1-LMH1982SQ/NOPB Datasheet
1Mb / 43P
Multi-Rate Video Clock Generator with Genlock
logo
National Semiconductor ...
LMH1982SQE NSC-LMH1982SQE Datasheet
504Kb / 28P
Multi-Rate Video Clock Generator with Genlock
More results


Similar Description - LMH1982

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
SD Clock and Timing Generator with GENLOCK
GS4911B GENNUM-GS4911B Datasheet
1Mb / 113P
HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
Multi-Rate Video Clock Generator with Genlock
logo
Gennum Corporation
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
SD Clock and Timing Generator with GENLOCK
GS4911B GENNUM-GS4911B_09 Datasheet
2Mb / 119P
HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
Multi-Rate Video Clock Generator with Genlock
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
logo
Semtech Corporation
GS4900B SEMTECH-GS4900B Datasheet
1Mb / 102P
SD Clock and Timing Generator with GENLOCK
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01_17 Datasheet
184Kb / 19P
Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com