Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH2120 Datasheet (PDF) - Texas Instruments

LMH2120 Datasheet PDF - Texas Instruments
Part # LMH2120
Download  LMH2120 Download
File Size   710.09 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range

LMH2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH2120 Datasheet PDF - Texas Instruments

Part # LMH2120
Download  LMH2120 Click to download

File Size   710.09 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range

LMH2120 Datasheet (HTML) - Texas Instruments


LMH2120 Product details

1FEATURES
2• Linear Root Mean Square Response
• 40 dB Linear-in-V Power Detection Range
• Multi-Band Operation from 50 MHz to 6 GHz
• Lin Conformance Better than ±0.5 dB
• Highly Temperature Insensitive
• Modulation Independent Response
• Minimal Slope and Intercept Variation
• Shutdown Functionality
• Wide Supply Range from 2.7V to 5V
• Tiny 6-Bump DSBGA Package

APPLICATIONS
• Multi Mode, Multi Band RF Power Control
– GSM/EDGE
– CDMA/CDMA2000
– W-CDMA
– OFDMA
– LTE
• Infrastructure RF Power Control

DESCRIPTION
The LMH2120 is a 40 dB Linear RMS power detector
particularly suited for accurate power measurement of
modulated RF signals that exhibit large peak-to-
average ratios, i.e, large variations of the signal
envelope. Such signals are encountered in W-CDMA
and LTE cell phones. The RMS measurement topology inherently ensures a modulation insensitive
measurement.
The device has an RF frequency range from 50 MHz
to 6 GHz. It provides an accurate, temperature and
supply insensitive, output voltage that relates linearly
to the RF input power in volt. The LMH2120's excellent conformance to a linear response enables
an easy integration by using slope and intercept only,
reducing calibration effort significantly. The device
operates with a single supply from 2.7V to 5V. The
LMH2120 has an RF power detection range from -35
dBm to 5 dBm and is ideally suited for use in
combination with a directional coupler. Alternatively, a
resistive divider can be used.
The device is active for EN = High, otherwise it is in a
low power consumption shutdown mode. To save
power and prevent discharge of an external filter
capacitance, the output (OUT) is high impedance
during shutdown.
The LMH2120 power detector is offered in a tiny 6-
bump DSBGA package.




Similar Part No. - LMH2120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2120 NSC-LMH2120 Datasheet
1Mb / 6P
Linear RMS power detector particularly suited for accurate
logo
Texas Instruments
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2120UM/NOPB TI1-LMH2120UM/NOPB Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2120UMX/NOPB TI1-LMH2120UMX/NOPB Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
More results


Similar Description - LMH2120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
Texas Instruments
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com