Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH2121 Datasheet (PDF) - Texas Instruments

LMH2121 Datasheet PDF - Texas Instruments
Part # LMH2121
Download  LMH2121 Download
File Size   756.68 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range

LMH2121 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH2121 Datasheet PDF - Texas Instruments

Part # LMH2121
Download  LMH2121 Click to download

File Size   756.68 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range

LMH2121 Datasheet (HTML) - Texas Instruments


LMH2121 Product details

1FEATURES
2• Linear Response
• 40 dB Power Detection Range
• Very Low Supply Current of 3.4 mA
• Short Response Time of 165 ns
• Stable Conversion Gain of 3.6 V/V RMS
• Multi-Band Operation from 100 MHz to 3 GHz
• Very Low Conformance Error
• High Temperature Stability of ±0.5 dB
• Shutdown Functionality
• Supply Range from 2.6V to 3.3V
• Package:
– 4-Bump DSBGA, 0.4mm Pitch

APPLICATIONS
• Multi Mode, Multi band RF power control
– GSM/EDGE
– CDMA
– W-CDMA
– LTE
– WAP
• Tablets

DESCRIPTION
The LMH2121 is an accurate fast-responding power
detector / RF envelope detector. Its response
between an RF input signal and DC output signal is
linear. The typical response time of 165 ns makes the
device suitable for an accurate power setting in
handsets during a rise time of RF transmission slots.
It can be used in all popular communications
standards: 2G/3G/4G/WAP.
The LMH2121 has an input range from −28 dBm to
+12 dBm. Over this input range the device has an
intrinsic high insensitivity for temperature, supply
voltage and loading. The bandwidth of the device is from 100 MHz to 3 GHz, covering 2G/3G/4G/WiFi
wireless bands.
As a result of the unique internal architecture, the
device shows an extremely low part-to-part variation
of the detection curve. This is demonstrated by its low
intercept and slope variation as well as a very good
linear conformance. Consequently the required characterization and calibration efforts are low.
The device is active for EN = High; otherwise it is in a
low power consumption shutdown mode. To save
power and allow for two detector outputs in parallel,
the output (OUT) is high impedance during shutdown.
The LMH2121 is offered in a tiny 4-bump DSBGA
package: 0.866 mm x 1.07 mm x 0.6 mm.




Similar Part No. - LMH2121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2121 TI-LMH2121 Datasheet
1Mb / 30P
LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI1-LMH2121TME Datasheet
1Mb / 30P
3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME/NOPB TI1-LMH2121TME/NOPB Datasheet
1Mb / 30P
3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
More results


Similar Description - LMH2121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Analog Devices
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
REV. A
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Jun-2017
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com