Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH2190 Datasheet (PDF) - Texas Instruments

LMH2190 Datasheet PDF - Texas Instruments
Part # LMH2190
Download  LMH2190 Download
File Size   443.44 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2190 Quad Channel 27 MHz Clock Tree Driver with I2C Interface

LMH2190 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH2190 Datasheet PDF - Texas Instruments

Part # LMH2190
Download  LMH2190 Click to download

File Size   443.44 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2190 Quad Channel 27 MHz Clock Tree Driver with I2C Interface

LMH2190 Datasheet (HTML) - Texas Instruments


LMH2190 Product details

1FEATURES
2• 1 Input Clock, 4 Output Clocks
• Supports both Square or Sine Wave Input
• 1.8V Square Wave Clock Outputs
• Skewed Clock Outputs
• Independent Clock Request
• High Isolation of Supply Noise to Clock Input
• High Output to Output Isolation
• Output Drive up to 50 pF
• EMI Controlled Output Edges and EMI Filtering
• Integrated 1.8V Low-Dropout Regulator
– Low Output Noise Voltage
– 10 mA load Current
• I2C Configurable up to 400 kHz (Fast Mode)
• Ultra Low Standby Current
• V BAT Range = 2.5V to 5.5V

APPLICATIONS
• Mobile Handsets
• PDAs
• Portable Equipment

DESCRIPTION
The LMH2190 is a quad channel configurable clock
tree driver which supplies a digital system clock to
peripherals in mobile handsets or other applications.
It provides a solution to clocking issues such as
limited drive capability for fanout or longer traces,
protection of the master clock from varying loads and frequency pulling effects, isolation buffering from
noisy modules, and crosstalk isolation. It has very low
phase noise which enables it to drive sensitive
modules such as Wireless LAN and Bluetooth.
The LMH2190 can be clocked up to 27 MHz, and has
an independent clock request pin for each clock output which allows the peripheral to control the
clock. It features an integrated LDO which provides
an ultra low noise voltage supply with 10 mA external
load current which can be used to supply the TCXO
or other clock source.
The I2C serial interface can be used to override the
default configuration of the device to optimize the
LMH2190 for the application. Some of these
programmable features include setting the polarity of
both the clock and the clock request inputs. In
addition, the clock outputs have programmable output
drive current to optimize for the connected load. EMI
switching noise can be controlled by configuring
output drive and skew settings.
The LMH2190 quad clock distributor is offered in a
tiny 1.61mm x 1.61mm 16 bump DSBGA package. Its
small size and low supply current make it ideal for
portable applications.




Similar Part No. - LMH2190

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2190 NSC-LMH2190 Datasheet
570Kb / 24P
Quad Channel 27 MHz Clock Tree Driver with I2C Interface
logo
Texas Instruments
LMH2190 TI1-LMH2190 Datasheet
892Kb / 32P
LMH2190 Quad Channel 27 MHz Clock Tree Driver with I2C Interface
logo
National Semiconductor ...
LMH2190TM-38 NSC-LMH2190TM-38 Datasheet
570Kb / 24P
Quad Channel 27 MHz Clock Tree Driver with I2C Interface
logo
Texas Instruments
LMH2190TM-38/NOPB TI1-LMH2190TM-38/NOPB Datasheet
892Kb / 32P
LMH2190 Quad Channel 27 MHz Clock Tree Driver with I2C Interface
logo
National Semiconductor ...
LMH2190TMX-38 NSC-LMH2190TMX-38 Datasheet
570Kb / 24P
Quad Channel 27 MHz Clock Tree Driver with I2C Interface
More results


Similar Description - LMH2190

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
6-Channel LED Driver with I2C Interface
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
Quad PLL Clock Generator with Serial Interface (I2C)
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
National Semiconductor ...
LMH2190 NSC-LMH2190 Datasheet
570Kb / 24P
Quad Channel 27 MHz Clock Tree Driver with I2C Interface
LMH2191 NSC-LMH2191 Datasheet
1Mb / 10P
Evaluation Board for the Dual Channel 52 MHz Clock Tree Driver
logo
Maxim Integrated Produc...
MAX14521E MAXIM-MAX14521E_15 Datasheet
1Mb / 21P
Quad, High-Voltage EL Lamp Driver with I2C Interface
Rev 2; 1/15
logo
Texas Instruments
LMH2190 TI1-LMH2190 Datasheet
892Kb / 32P
LMH2190 Quad Channel 27 MHz Clock Tree Driver with I2C Interface
LMH2191 TI1-LMH2191 Datasheet
876Kb / 20P
LMH2191 Dual Channel 52 MHz Clock Tree Driver
logo
Cypress Semiconductor
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
27 MHz Clock Generator with VCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com