Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6628QML-SP Datasheet (PDF) - Texas Instruments

LMH6628QML-SP Datasheet PDF - Texas Instruments
Part # LMH6628QML-SP
Download  LMH6628QML-SP Download
File Size   700.76 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6628QML Dual Wideband, Low Noise, Voltage Feedback Op Amp

LMH6628QML-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6628QML-SP Datasheet PDF - Texas Instruments

Part # LMH6628QML-SP
Download  LMH6628QML-SP Click to download

File Size   700.76 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6628QML Dual Wideband, Low Noise, Voltage Feedback Op Amp

LMH6628QML-SP Datasheet (HTML) - Texas Instruments


LMH6628QML-SP Product details

1FEATURES
2• Available with Radiation Ensured 300 krad(Si)
• Wide Unity Gain Bandwidth: 300MHz
• Low Noise: 2nV/√Hz
• Low Distortion: −65/−74dBc (10MHz)
• Settling Time: 12ns to 0.1%
• Wide Supply Voltage Range: ±2.5V to ±6V
• High Output Current: ±85mA
• Improved Replacement for CLC428

APPLICATIONS
• High Speed Dual Op Amp
• Low Noise Integrators
• Low Noise Active Filters
• Driver/Receiver for Transmission Systems
• High Speed Detectors
• I/Q Channel Amplifiers

DESCRIPTION
The LMH6628 is a high speed dual op amp that
offers a traditional voltage feedback topology
featuring unity gain stability and slew enhanced
circuitry. The LMH6628's low noise and very low
harmonic distortion combine to form a wide dynamic
range op amp that operates from a single (5V to 12V) or dual (±5V) power supply.
Each of the LMH6628's closely matched channels
provides a 300MHz unity gain bandwidth and low
input voltage noise density (2nV/√Hz). Low 2nd/3rd
harmonic distortion (−65/−74dBc at 10MHz) make the
LMH6628 a perfect wide dynamic range amplifier for
matched I/Q channels.
With its fast and accurate settling (12ns to 0.1%), the
LMH6628 is also an excellent choice for wide
dynamic range, anti-aliasing filters to buffer the inputs
of hi resolution analog-to-digital converters.
Combining the LMH6628's two tightly matched
amplifiers in a single package reduces cost and board space for many composite amplifier
applications such as active filters, differential line
drivers/receivers, fast peak detectors and
instrumentation amplifiers.
The LMH6628 is fabricated using Texas Instruments'
VIP10 complimentary bipolar process.
To reduce design times and assist in board layout,
the LMH6628 is supported by an evaluation board
(LMH730036).




Similar Part No. - LMH6628QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6628QML-SP TI1-LMH6628QML-SP Datasheet
545Kb / 20P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Similar Description - LMH6628QML-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
Ultra Low Noise Wideband Op Amp
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
Wideband, Low-Noise, Voltage Feedback Op Amp
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
Dual Wideband, Low-Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
ULTRA LOW NOISE WIDEBAND OP AMP
LMH6628EP NSC-LMH6628EP Datasheet
534Kb / 16P
Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com