Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK02000 Datasheet (PDF) - Texas Instruments

LMK02000 Datasheet PDF - Texas Instruments
Part # LMK02000
Download  LMK02000 Download
File Size   547.92 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision Clock Conditioner with Integrated PLL

LMK02000 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK02000 Datasheet PDF - Texas Instruments

Part # LMK02000
Download  LMK02000 Click to download

File Size   547.92 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision Clock Conditioner with Integrated PLL

LMK02000 Datasheet (HTML) - Texas Instruments


LMK02000 Product details

1 Features
1• 20 fs Additive Jitter
• Integrated Integer-N PLL with Outstanding
Normalized Phase Noise Contribution of -224
dBc/Hz
• Clock Output Frequency Range of 1 to 800 MHz
• 3 LVDS and 5 LVPECL Clock Outputs
• Dedicated Divider and Delay Blocks on Each
Clock Output
• Pin Compatible Family of Clocking Devices
• 3.15 to 3.45 V Operation
• Package: 48 Pin WQFN (7.0 x 7.0 x 0.8 mm)

2 Target Applications
• Data Converter Clocking
• Networking, SONET/SDH, DSLAM
• Wireless Infrastructure
• Medical
• Test and Measurement
• Military / Aerospace

3 Description
The LMK02000 precision clock conditioner combines
the functions of jitter cleaning/reconditioning,
multiplication, and distribution of a reference clock.
The device integrates a high performance Integer-N
Phase Locked Loop (PLL), three LVDS, and five
LVPECL clock output distribution blocks.
Each clock distribution block includes a
programmable divider, a phase synchronization
circuit, a programmable delay, a clock output mux,
and an LVDS or LVPECL output buffer. This allows
multiple integer-related and phase-adjusted copies of
the reference to be distributed to eight system
components.
The clock conditioner comes in a 48-pin WQFN
package and is footprint compatible with other
clocking devices in the same family.




Similar Part No. - LMK02000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
Precision Clock Conditioner with Integrated PLL
logo
Texas Instruments
LMK02000 TI1-LMK02000 Datasheet
551Kb / 14P
selecting amplifiers, adcs, and clocks for high-performance signal paths
LMK02000 TI1-LMK02000 Datasheet
814Kb / 24P
Precision Clock Conditioner
logo
National Semiconductor ...
LMK02000ISQ NSC-LMK02000ISQ Datasheet
444Kb / 20P
Precision Clock Conditioner with Integrated PLL
logo
Texas Instruments
LMK02000ISQ/NOPB TI1-LMK02000ISQ/NOPB Datasheet
814Kb / 24P
Precision Clock Conditioner
More results


Similar Description - LMK02000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
Precision Clock Conditioner with Integrated PLL
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
Precision Clock Conditioner with Integrated VCO
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
Precision Clock Conditioner with Integrated PLL
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
Precision Clock Conditioner with Integrated VCO
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
Precision 0-Delay Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200_14 Datasheet
1Mb / 50P
Family Precision 0-Delay Clock Conditioner with Integrated VCO
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
Precision Clock Conditioner with Dual PLLs and Integrated VCO
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
Precision Clock Conditioner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com