Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK03002 Datasheet (PDF) - Texas Instruments

LMK03002 Datasheet PDF - Texas Instruments
Part # LMK03002
Download  LMK03002 Download
File Size   648.65 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK03002 /LMK03002C Precision Clock Conditioner with Integrated VCO

LMK03002 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK03002 Datasheet PDF - Texas Instruments

Part # LMK03002
Download  LMK03002 Click to download

File Size   648.65 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK03002 /LMK03002C Precision Clock Conditioner with Integrated VCO

LMK03002 Datasheet (HTML) - Texas Instruments


LMK03002 Product details

1FEATURES
2• Integrated VCO with Very Low Phase Noise
Floor
• Integrated Integer-N PLL with Outstanding
Normalized Phase Noise Contribution of
-224 dBc/Hz
• Clock Generator Performance (10 Hz - 20 MHz)
– LMK03002C: 200 fs RMS Jitter
• Jitter Cleaner Performance Grade (12 kHz to
20 MHz)
– LMK03002: 800 fs RMS Jitter
– LMK03002C: 400 fs RMS Jitter
• VCO Frequency: 1566 to 1724 MHz
• Clock Output Frequency Range of 1 to 862
MHz
• 4 LVPECL Clock Outputs
• Partially Integrated Loop Filter
• Dedicated Divider and Delay Blocks on Each
Clock Output
• Pin Compatible Family of Clocking Devices
• 3.15 to 3.45 V Operation
• Package: 48 Pin WQFN (7.0 x 7.0 x 0.8 mm)

TARGET APPLICATIONS
• Data Converter Clocking
• Networking, SONET/SDH, DSLAM
• Wireless Infrastructure
• Medical
• Test and Measurement
• Military / Aerospace

DESCRIPTION
The LMK03002/LMK03002C precision clock
conditioners combine the functions of jitter
cleaning/reconditioning, multiplication, and distribution
of a reference clock. The devices integrate a Voltage
Controlled Oscillator (VCO), a high performance
Integer-N Phase Locked Loop (PLL), a partially
integrated loop filter, and four LVPECL clock output
distribution blocks.
The VCO output is optionally accessible on the Fout
port. Internally, the VCO output goes through a VCO Divider to feed the various clock distribution blocks.
Each clock distribution block includes a
programmable divider, a phase synchronization
circuit, a programmable delay, a clock output mux,
and an LVPECL output buffer. This allows multiple
integer-related and phase-adjusted copies of the
reference to be distributed to four system
components.
The clock conditioners come in a 48-pin WQFN
package and are footprint compatible with other
clocking devices in the same family.




Similar Part No. - LMK03002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
Precision Clock Conditioner
logo
National Semiconductor ...
LMK03002C NSC-LMK03002C Datasheet
476Kb / 24P
Precision Clock Conditioner with Integrated VCO
LMK03002CISQ NSC-LMK03002CISQ Datasheet
476Kb / 24P
Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03002CISQ/NOPB TI1-LMK03002CISQ/NOPB Datasheet
934Kb / 39P
Precision Clock Conditioner
More results


Similar Description - LMK03002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
Precision Clock Conditioner with Integrated PLL
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
Precision Clock Conditioner with Integrated VCO
LMK3001 NSC-LMK3001 Datasheet
3Mb / 23P
Precision Clock Conditioner with Integrated VCO Evaluation Board Operating Instructions
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
Precision Clock Conditioner with Integrated PLL
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
Precision Clock Conditioner with Integrated VCO
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
Precision 0-Delay Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200_14 Datasheet
1Mb / 50P
Family Precision 0-Delay Clock Conditioner with Integrated VCO
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
Precision Clock Conditioner with Dual PLLs and Integrated VCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com