Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK61PD0A2 Datasheet (PDF) - Texas Instruments

LMK61PD0A2 Datasheet PDF - Texas Instruments
Part # LMK61PD0A2
Download  LMK61PD0A2 Download
File Size   643.55 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK61PD0A2 Ultra-Low Jitter Pin Selectable Oscillator

LMK61PD0A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK61PD0A2 Datasheet PDF - Texas Instruments

Part # LMK61PD0A2
Download  LMK61PD0A2 Click to download

File Size   643.55 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK61PD0A2 Ultra-Low Jitter Pin Selectable Oscillator

LMK61PD0A2 Datasheet (HTML) - Texas Instruments


LMK61PD0A2 Product details

1 Features
1• Ultra-low Noise, High Performance
– Jitter: 90 fs RMS typical f OUT > 100 MHz
– PSRR: -70 dBc, robust supply noise immunity
• Flexible Output Frequency and Format; User
Selectable
– Frequencies: 62.5 MHz, 100 MHz, 106.25
MHz, 125 MHz, 156.25 MHz, 212.5 MHz,
312.5 MHz
– Formats: LVPECL, LVDS or HCSL
• Total frequency tolerance of ± 50 ppm
• Internal memory stores multiple start-up
configurations, selectable through pin control
• 3.3V operating voltage
• Industrial temperature range (-40ºC to +85ºC)
• 7 mm x 5 mm 8-pin package

2 Applications
• High-performance replacement for crystal-, SAW-,
or silicon-based Oscillators
• Switches, Routers, Network Line Cards, Base
Band Units (BBU), Servers, Storage/SAN
• Test and Measurement
• Medical Imaging
• FPGA, Processor Attach

3 Description
The LMK61PD0A2 is an ultra-low jitter PLLatinumTM
pin selectable oscillator that generates commonly
used reference clocks. The device is pre-
programmed in factory to support seven unique
reference clock frequencies that can be selected by
pin-strapping each of FS[1:0] to VDD, GND or NC (no
connect). Output format is selected between LVPECL, LVDS, or HCSL by pin-strapping OS to
VDD, GND or NC. Internal power conditioning provide
excellent power supply ripple rejection (PSRR),
reducing the cost and complexity of the power
delivery network. The device operates from a single
3.3 V ± 5% supply.




Similar Part No. - LMK61PD0A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61PD0A2 TI1-LMK61PD0A2 Datasheet
1Mb / 27P
Ultra-Low Jitter Pin Selectable Oscillator
LMK61PD0A2-SIAR TI1-LMK61PD0A2-SIAR Datasheet
1Mb / 27P
Ultra-Low Jitter Pin Selectable Oscillator
LMK61PD0A2-SIAT TI1-LMK61PD0A2-SIAT Datasheet
1Mb / 27P
Ultra-Low Jitter Pin Selectable Oscillator
More results


Similar Description - LMK61PD0A2

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
Ultra-Low Jitter Programmable Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
High-Performance Ultra-Low Jitter Oscillator
LMK61PD0A2 TI1-LMK61PD0A2 Datasheet
1Mb / 27P
Ultra-Low Jitter Pin Selectable Oscillator
logo
MTRONPTI
M9200 MTRONPTI-M9200 Datasheet
179Kb / 4P
Ultra Low Jitter Quad Frequency Oscillator
logo
Texas Instruments
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
High-Performance Ultra-Low Jitter Oscillator
logo
Fox Electronics
O5PU FOX-O5PU Datasheet
245Kb / 3P
Ultra-Low Jitter 5x3.2mm SMD Oscillator
O7PU FOX-O7PU Datasheet
217Kb / 3P
Ultra-Low Jitter 7x5mm SMD Oscillator
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com