Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91200 Datasheet (PDF) - Texas Instruments

LMP91200 Datasheet PDF - Texas Instruments
Part # LMP91200
Download  LMP91200 Download
File Size   633.84 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications

LMP91200 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP91200 Datasheet PDF - Texas Instruments

Part # LMP91200
Download  LMP91200 Click to download

File Size   633.84 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications

LMP91200 Datasheet (HTML) - Texas Instruments


LMP91200 Product details

1 Features
1• Active Guarding
• Key Specifications
Unless otherwise noted, typical values at
TA = 25°C, VS = (VDD-GND) = 3.3 V
– pH Buffer Input Bias Current (0 < VINP < 3.3 V)
– Maximum at 25°C: ±125 fA
– Maximum at 85°C: ±445 fA
– pH Buffer Input Bias Current
(–500 mV < VINP– VCM < 500 mV),
VS = (VDD – GND) = 0 V
– Maximum at 25°C: ±600 fA
– Maximum at 85°C: ±6.5 pA
– pH Buffer Input Offset Voltage: ±200 μV
– pH Buffer Input Offset Voltage Drift: ±2.5
μV/°C
– Supply Current: 50 μA
– Supply Voltage: 1.8 V to 5.5 V
– Operating Temperature Range: –40°C to
125°C
– Package: 16-Pin TSSOP

2 Applications
• pH Sensor Platforms

3 Description
The LMP91200 device is a sensor AFE for use in
low-power, analytical-sensing applications. The
LMP91200 is designed for 2-electrode sensors. This
device provides all of the functionality needed to
detect changes based on a delta voltage at the
sensor. Optimized for low-power applications, the
LMP91200 works over a voltage range of 1.8 V to 5.5
V. With its extremely low input bias current it is
optimized for use with pH sensors. Also, in absence
of supply voltage the very low input bias current
reduces degradation of the pH probe when
connected to the LMP91200. Two guard pins provide
support for high parasitic impedance wiring.
Depending on the configuration, total current
consumption for the device is 50 μA while measuring
pH. Available in a 16-pin TSSOP package, the
LMP91200 operates from –40°C to +125°C.




Similar Part No. - LMP91200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200 Datasheet
986Kb / 24P
Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91200MT TI1-LMP91200MT Datasheet
405Kb / 25P
Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200MT TI1-LMP91200MT Datasheet
986Kb / 24P
Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91200MT/NOPB TI1-LMP91200MT/NOPB Datasheet
986Kb / 24P
Configurable AFE for Low-Power Chemical-Sensing Applications
More results


Similar Description - LMP91200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
Configurable AFE for Low-Power Chemical Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
54F175DMQB TI-54F175DMQB Datasheet
1Mb / 23P
LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com