Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP92018SQ/NOPB Datasheet (PDF) - Texas Instruments

LMP92018SQ/NOPB Datasheet PDF - Texas Instruments
Part # LMP92018SQ/NOPB
Download  LMP92018SQ/NOPB Download
File Size   528.6 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP92018 Analog System Monitor and Controller

LMP92018SQ/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP92018SQ/NOPB Datasheet PDF - Texas Instruments

Part # LMP92018SQ/NOPB
Download  LMP92018SQ/NOPB Click to download

File Size   528.6 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP92018 Analog System Monitor and Controller

LMP92018SQ/NOPB Datasheet (HTML) - Texas Instruments


LMP92018SQ/NOPB Product details

1FEATURES
2• 8 ANALOG VOLTAGE MONITORING
CHANNELS
– 10-Bit ADC with Programmable Input MUX
– Internal/External Reference
– Tolerates High-Source Impedance at Lower
Sampling Rates
• 4 PROGRAMMABLE ANALOG VOLTAGE
OUTPUTS
– Four 10-Bit DACs
– Internal/External Reference
– Drives Loads up to 1nF
• VOLTAGE REFERENCE
– User-Selectable Source: External or Internal
– Internal Reference 2.5V
• TEMPERATURE SENSOR
– ±2.5°C Accuracy
• 12-BIT GPIO PORT
– Each Bit Individually Programmable
– User-Selectable Rail
• SPI-COMPATIBLE BUS
– User-Selectable Rail

APPLICATIONS
• Communication Infrastructure
• System Monitoring and Control
• Industrial Monitoring and Control

DESCRIPTION
LMP92018 is a complete analog monitoring and
control circuit which integrates an eight channel 10-bit
Analog-to-Digital Converter (ADC), four 10-bit Digital- to-Analog Converters (DACs), an internal reference,
an internal temperature sensor, a12-bit GPIO port,
and a 10MHz SPI interface.
The eight channels of the ADC can be used to
monitor rail voltages, current sense amplifier outputs,
health monitors or sensors while the four DACs can be used to control PA (Power Amplifier) bias points,
control actuators, potentiometers, etc.
Both the ADC and DACs can use either the internal
2.5V reference or an external reference
independently allowing for flexibility in system design.
The built-in digital temperature sensor enables
accurate (±2.5°C) local temperature measurement
whose value is captured in the user accessible
register.




Similar Part No. - LMP92018SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92018SQ/NOPB TI-LMP92018SQ/NOPB Datasheet
919Kb / 33P
LMP92018 Analog System Monitor and Controller
More results


Similar Description - LMP92018SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7462 AD-ADT7462 Datasheet
1Mb / 92P
Flexible Temperature and Voltage Monitor and System Fan Controller
1/06-Revision 0
logo
ON Semiconductor
ADT7462 ONSEMI-ADT7462 Datasheet
696Kb / 81P
Flexible Temperature, Voltage Monitor, and System Fan Controller
January, 2010 ??Rev. 3
logo
Texas Instruments
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
Analog System Monitor and Controller
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
Analog System Monitor and Controller
LMP92018 TI1-LMP92018_14 Datasheet
973Kb / 34P
LMP92018 Analog System Monitor and Controller
logo
Linear Technology
LTC3350 LINER-LTC3350_15 Datasheet
890Kb / 46P
High Current Supercapacitor Backup Controller and System Monitor
logo
Texas Instruments
LMP92001 TI-LMP92001_15 Datasheet
1Mb / 39P
LMP92001 Analog System Monitor and Controller
LMP92018 TI-LMP92018_15 Datasheet
919Kb / 33P
LMP92018 Analog System Monitor and Controller
logo
Linear Technology
LTC3350EUHF LINER-LTC3350EUHF Datasheet
1Mb / 16P
High Current Supercapacitor Backup Controller and System Monitor
LTC3350 LINER-LTC3350 Datasheet
762Kb / 46P
High Current Supercapacitor Backup Controller and System Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com