Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR14203 Datasheet (PDF) - Texas Instruments

LMR14203 Datasheet PDF - Texas Instruments
Part # LMR14203
Download  LMR14203 Download
File Size   477.38 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR14203 SIMPLE SWITCHER® 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23

LMR14203 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR14203 Datasheet PDF - Texas Instruments

Part # LMR14203
Download  LMR14203 Click to download

File Size   477.38 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR14203 SIMPLE SWITCHER® 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23

LMR14203 Datasheet (HTML) - Texas Instruments


LMR14203 Product details

1FEATURES
2• Input Voltage Range of 4.5V to 42V
• Output Voltage Range of 0.765V to 34V
• Output Current up to 0.3A
• 1.25 MHz Switching Frequency
• Low Shutdown Iq, 16 μA Typical
• Short Circuit Protected
• Internally Compensated
• Soft-Start Function
• Thin SOT-23-6 Package (2.97 x 1.65 x 1mm)
• Fully Enabled for WEBENCH® Power Designer

PERFORMANCE BENEFITS
• Tight Accuracy for Powering Digital ICs
• Extremely Easy to Use
• Tiny Overall Solution Reduces System Cost

APPLICATIONS
• Point-of-Load Conversions from 5V, 12V, and
24V Rails
• Space Constrained Applications
• Battery Powered Equipment
• Industrial Distributed Power Applications
• Power Meters
• Portable Hand-Held Instruments

DESCRIPTION
The LMR14203 is a PWM DC/DC buck (step-down)
regulator. With a wide input range from 4.5V-42V, it is
suitable for a wide range of applications such as
power conditioning from unregulated sources. They
feature a low RDSON (0.9Ω typical) internal switch for
maximum efficiency (85% typical). Operating frequency is fixed at 1.25 MHz allowing the use of
small external components while still being able to
have low output voltage ripple. Soft-start can be
implemented using the shutdown pin with an external
RC circuit allowing the user to tailor the soft-start time
to a specific application.
The LMR14203 is optimized for up to 300 mA load
current.
Additional features include: thermal shutdown, VIN
under-voltage lockout, and gate drive under-voltage
lockout. The LMR14203 is available in a low profile
SOT-6L package.




Similar Part No. - LMR14203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
LMR14203 TI-LMR14203 Datasheet
817Kb / 17P
SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14203 TI1-LMR14203 Datasheet
914Kb / 19P
LMR14203 SIMPLE SWITCHER® 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
REVISED APRIL 2013
LMR14203XMK TI1-LMR14203XMK Datasheet
272Kb / 13P
SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
More results


Similar Description - LMR14203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14203 TI1-LMR14203 Datasheet
272Kb / 13P
SIMPLE SWITCHER짰 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014 Datasheet
366Kb / 12P
SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI-LMR14206XMK Datasheet
817Kb / 17P
LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR24210 TI-LMR24210_15 Datasheet
1Mb / 25P
SIMPLE SWITCHER 42Vin, 1.0A Step-Down Voltage Regulator
LMR24220 TI-LMR24220_15 Datasheet
1Mb / 24P
SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com