Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8278 Datasheet (PDF) - Texas Instruments

LMP8278 Datasheet PDF - Texas Instruments
Part # LMP8278
Download  LMP8278 Download
File Size   586.85 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier

LMP8278 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP8278 Datasheet PDF - Texas Instruments

Part # LMP8278
Download  LMP8278 Click to download

File Size   586.85 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier

LMP8278 Datasheet (HTML) - Texas Instruments


LMP8278 Product details

1FEATURES
23• TCVos ±15μV/°C Max
• CMRR 80 dB Min
• Input Offset Voltage ±2 mV max
• CMVR −2V to 40V
• Operating Ambient Temperature Range −40°C
to 125°C
• Single Supply Operation
• Min / Max Limits 100% Tested unless
Otherwise Noted
• LMP8278Q Available in Automotive AEC-Q100
Grade 1 Qualified Version

APPLICATIONS
• High Side and Low Side Driver Configuration
Current Sensing
• Automotive Fuel Injection Control
• Transmission Control
• Power Steering
• Battery Management Systems

DESCRIPTION
The LMP8278 is a fixed 14x gain precision current
sense amplifier. The part amplifies and filters small
differential signals in the presence of high common
mode voltages. The part operates from a single 5V
supply voltage. With an input common mode voltage
range from -2V to +28V the gain is very precise (±0.5%). The part can handle common mode voltages
in the range -2V to +40V with relaxed specifications.
The LMP8278 is a member of the Linear Monolithic
Precision ( LMP™) family and is ideal for
unidirectional current sensing applications. The
parameter values that are shown in the Electrical
Characteristics table are 100% tested and all bold
values are also 100% tested over temperature,
unless otherwise noted.
The part has a precise gain of 14x which is adequate
in most targeted applications to drive an ADC to its
full scale value. The fixed gain is achieved in two
separate stages, a preamplifier with a gain of 7x and
an output stage buffer amplifier with a gain of 2x. The connection between the two stages of the signal path
is brought out on two pins to enable the possibility to
create an additional filter network around the output
buffer amplifier. These pins can also be used for
alternative configurations with different gain as
described in Application Information.
The LMP8278Q incorporates enhanced
manufacturing and support processes for the
automotive market, including defect detection
methodologies. Reliability qualification is compliant
with the requirements and temperature grades
defined in the AEC Q100 standard.




Similar Part No. - LMP8278

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8278 TI-LMP8278 Datasheet
952Kb / 23P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278Q-Q1 TI-LMP8278Q-Q1 Datasheet
952Kb / 23P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278QMM TI1-LMP8278QMM Datasheet
392Kb / 17P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278QMM/NOPB TI-LMP8278QMM/NOPB Datasheet
952Kb / 23P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
More results


Similar Description - LMP8278

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602 NSC-LMP8602_10 Datasheet
604Kb / 24P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8602MM TI-LMP8602MM Datasheet
1Mb / 33P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
920Kb / 22P
LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
952Kb / 23P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
Common-Mode Bidirectional Precision Current-Sensing Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com