Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMR64010 Datasheet (PDF) - Texas Instruments

LMR64010 Datasheet PDF - Texas Instruments
Part # LMR64010
Download  LMR64010 Download
File Size   769.73 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR64010 SIMPLE SWITCHER® 40Vout, 1A Step-Up Voltage Regulator in SOT-23

LMR64010 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR64010 Datasheet PDF - Texas Instruments

Part # LMR64010
Download  LMR64010 Click to download

File Size   769.73 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR64010 SIMPLE SWITCHER® 40Vout, 1A Step-Up Voltage Regulator in SOT-23

LMR64010 Datasheet (HTML) - Texas Instruments


LMR64010 Product details

1FEATURES
2• Input Voltage Range of 2.7V to 14V
• Output Voltage up to 40V
• Switch Current up to 1A
• 1.6 MHz Switching Frequency
• Low Shutdown Iq, <1 μA
• Cycle-by-Cycle Current Limiting
• Internally Compensated
• SOT-23-5 Packaging (2.92 x 2.84 x 1.08mm)
• Fully Enabled for WEBENCH® Power Designer

PERFORMANCE BENEFITS
• Extremely Easy to Use
• Tiny Overall Solution Reduces System Cost

APPLICATIONS
• Boost Conversions from 3.3V, 5V, and 12V
Rails
• Space Constrained Applications
• Embedded Systems
• LCD Displays
• LED Applications

DESCRIPTION
The LMR64010 switching regulators is a current-
mode boost converter operating at a fixed frequency
of 1.6 MHz.
The use of SOT-23 package, made possible by the
minimal power loss of the internal 1A switch, and use
of small inductors and capacitors result in the
industry's highest power density. The 40V internal
switch makes these solutions perfect for boosting to
voltages of 16V or greater.
These parts have a logic-level shutdown pin that can
be used to reduce quiescent current and extend
battery life.
Protection is provided through cycle-by-cycle current
limiting and thermal shutdown. Internal compensation
simplifies design and reduces component count.




Similar Part No. - LMR64010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR64010 TI1-LMR64010 Datasheet
1Mb / 12P
Application Note 2183 LMR62014/LMR64010 Demo Board
LMR64010 TI1-LMR64010 Datasheet
1Mb / 21P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR64010XMF NSC-LMR64010XMF Datasheet
376Kb / 12P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results


Similar Description - LMR64010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62014XMFX TI-LMR62014XMFX Datasheet
993Kb / 22P
LMR62014 SIMPLE SWITCHER 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR62010 TI1-LMR62010 Datasheet
1Mb / 21P
LMR64010 SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com