Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT88DCKT Datasheet (PDF) - Texas Instruments

LMT88DCKT Datasheet PDF - Texas Instruments
Part # LMT88DCKT
Download  LMT88DCKT Download
File Size   637.7 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT88 2.4-V, 10-μA, SC-70 Temperature Sensor

LMT88DCKT Datasheet (PDF)

Go To PDF Page Download Datasheet
LMT88DCKT Datasheet PDF - Texas Instruments

Part # LMT88DCKT
Download  LMT88DCKT Click to download

File Size   637.7 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT88 2.4-V, 10-μA, SC-70 Temperature Sensor

LMT88DCKT Datasheet (HTML) - Texas Instruments


LMT88DCKT Product details

1 Features
1• Cost-Effective Alternative to Thermistors
• Rated for Full −55°C to 130°C Range
• Available in an SC70 Package
• Predictable Curvature Error
• Suitable for Remote Applications

2 Applications
• Industrial
• HVAC
• Disk Drives
• Automotive
• Portable Medical Instruments
• Computers
• Battery Management
• Printers
• Power Supply Modules
• FAX Machines
• Mobile Phones
• Automotive

3 Description
The LMT88 device is a precision analog output
CMOS integrated-circuit temperature sensor that operates over a temperature range of −55°C to
130°C . The power supply operating range is 2.4 V to
5.5 V. The transfer function of LMT88 is
predominately linear, yet has a slight predictable parabolic curvature. The accuracy of the LMT88
when specified to a parabolic transfer function is typically ±1.5°C at an ambient temperature of 30°C.
The temperature error increases linearly and reaches
a maximum of ±2.5°C at the temperature range
extremes. The temperature range is affected by the
power supply voltage. At a power supply voltage of
2.7 V to 5.5 V, the temperature range extremes are
130°C and −55°C. Decreasing the power supply
voltage to 2.4 V changes the negative extreme to −30°C, while the positive remains at 130°C.
The LMT88 quiescent current is less than 10 μA. Therefore, self-heating is less than 0.02°C in still air.
Shutdown capability for the LMT88 is intrinsic
because its inherent low power consumption allows it
to be powered directly from the output of many logic gates or does not necessitate shutdown at all.
The LMT88 is a cost-competitive alternative to
thermistors.




Similar Part No. - LMT88DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT88DCKT TI-LMT88DCKT Datasheet
967Kb / 23P
2.4-V, 10-關A, SC-70 Temperature Sensor
More results


Similar Description - LMT88DCKT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP05 AD-TMP05 Datasheet
706Kb / 28P
짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
8/04-Revision 0
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
logo
Analog Devices
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
10-Bit Digital Temperature Sensor
Rev. I
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. C
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. C
logo
Texas Instruments
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
2.4-V, 10-關A, SC-70 Temperature Sensor
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
logo
Microchip Technology
MCP6L91 MICROCHIP-MCP6L91_V01 Datasheet
940Kb / 40P
10 MHz, 850 μA Op Amps
Revision C October 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com