Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT89 Datasheet (PDF) - Texas Instruments

LMT89 Datasheet PDF - Texas Instruments
Part # LMT89
Download  LMT89 Download
File Size   630.52 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT89 2.4-V, 10-μA, SC70 Temperature Sensor

LMT89 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMT89 Datasheet PDF - Texas Instruments

Part # LMT89
Download  LMT89 Click to download

File Size   630.52 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMT89 2.4-V, 10-μA, SC70 Temperature Sensor

LMT89 Datasheet (HTML) - Texas Instruments


LMT89 Product details

1 Features
1• Cost-Effective Alternative to Thermistors
• Rated for full −55°C to 130°C Range
• Available in an SC70 Package
• Predictable Curvature Error
• Suitable for Remote Applications

2 Applications
• Industrial
• HVAC
• Automotive
• Disk Drives
• Portable Medical Instruments
• Computers
• Battery Management
• Printers
• Power Supply Modules
• FAX Machines
• Mobile Phones
• Automotive

3 Description
The LMT89 device is a precision analog output
CMOS integrated-circuit temperature sensor that operates over a −55°C to 130°C temperature range.
The power supply operating range is 2.4 V to 5.5 V.
The transfer function of LMT89 device is
predominately linear, yet has a slight predictable parabolic curvature. The accuracy of the LMT89
device, when specified to a parabolic transfer function, is typically ±1.5°C at an ambient
temperature of 30°C. The temperature error
increases linearly and reaches a maximum of ±2.5°C
at the temperature range extremes. The temperature
range is affected by the power supply voltage. At a
power supply voltage of 2.7 V to 5.5 V, the
temperature range extremes are 130°C and −55°C.
Decreasing the power supply voltage to 2.4 V changes the negative extreme to −30°C, while the
positive remains at 130°C.
The quiescent current of the LMT89 device is less
than 10 μA. Therefore, self-heating is less than
0.02°C in still air. Shutdown capability for the LMT89
device is intrinsic because its inherent low power consumption allows it to be powered directly from the
output of many logic gates or does not necessitate
shutdown at all.
The LMT89 device is a cost-competitive alternative to
thermistors.




Similar Part No. - LMT89

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT89 TI-LMT89 Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LMT89DCKR TI-LMT89DCKR Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
More results


Similar Description - LMT89

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
2.4-V, 10-關A, SC-70 Temperature Sensor
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
LM20 TI-LM20_15 Datasheet
1Mb / 25P
LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com