Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1012TP-25/NOPB Datasheet (PDF) - Texas Instruments

LMV1012TP-25/NOPB Datasheet PDF - Texas Instruments
Part # LMV1012TP-25/NOPB
Download  LMV1012TP-25/NOPB Download
File Size   640.84 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones

LMV1012TP-25/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV1012TP-25/NOPB Datasheet PDF - Texas Instruments

Part # LMV1012TP-25/NOPB
Download  LMV1012TP-25/NOPB Click to download

File Size   640.84 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones

LMV1012TP-25/NOPB Datasheet (HTML) - Texas Instruments


LMV1012TP-25/NOPB Product details

FEATURES
• Typical LMV1012-15, 2.2V Supply, RL = 2.2 kΩ,
C = 2.2 μF, V IN = 18 mVPP, Unless Otherwise
Specified
• Supply Voltage: 2V - 5V
• Supply Current: <180 μA
• Signal to Noise Ratio (A-Weighted): 60 dB
• Output Voltage Noise (A-Weighted): −89 dBV
• Total Harmonic Distortion: 0.09%
• Voltage Gain
– LMV1012-07: 7.8 dB
– LMV1012-15: 15.6 dB
– LMV1012-20: 20.9 dB
– LMV1012-25: 23.8 dB
• Temperature Range: −40°C to 85°C
• Offered in 4-Bump DSBGA Packages

APPLICATIONS
• Cellular Phones
• Headsets
• Mobile Communications
• Automotive Accessories
• PDAs
• Accessory Microphone Products

DESCRIPTION
The LMV1012 is an audio amplifier series for small
form factor electret microphones. This 2-wire portfolio
is designed to replace the JFET amplifier currently
being used. The LMV1012 series is ideally suited for
applications requiring high signal integrity in the
presence of ambient or RF noise, such as in cellular
communications. The LMV1012 audio amplifiers are
specified to operate over a 2.2V to 5.0V supply
voltage range with fixed gains of 7.8 dB, 15.6 dB,
20.9 dB, and 23.8 dB. The devices offer excellent
THD, gain accuracy and temperature stability as
compared to a JFET microphone.
The LMV1012 series enables a two-pin electret
microphone solution, which provides direct pin-to-pin
compatibility with the existing JFET market.
The devices are offered in extremely thin space
saving 4-bump DSBGA packages. The LMV1012XP
is designed for 1.0 mm canisters and thicker ECM
canisters. These extremely miniature packages are
designed for electret condenser microphones (ECM)
form factor.




Similar Part No. - LMV1012TP-25/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1012TP-25/NOPB TI1-LMV1012TP-25/NOPB Datasheet
1Mb / 21P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
More results


Similar Description - LMV1012TP-25/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
Analog Pre-Amplified IC?셲 for High Gain Microphones
LMV1012 NSC-LMV1012 Datasheet
497Kb / 15P
Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
Amplifiers for 3 Wire Analog Electret Microphones
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
Amplifiers for 3-Wire Analog Electret Microphones
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com