Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1015 Datasheet (PDF) - Texas Instruments

LMV1015 Datasheet PDF - Texas Instruments
Part # LMV1015
Download  LMV1015 Download
File Size   457.77 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones

LMV1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV1015 Datasheet PDF - Texas Instruments

Part # LMV1015
Download  LMV1015 Click to download

File Size   457.77 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones

LMV1015 Datasheet (HTML) - Texas Instruments


LMV1015 Product details

1FEATURES
2• (Typical LMV1015-15, 2.2V supply, RL = 2.2 kΩ,
C = 2.2 μF, V IN = 18 mVPP, unless otherwise
specified)
• Supply Voltage: 2V - 5V
• Supply Current: <180 μA
• Signal to Noise Ratio (A-Weighted): 60 dB
• Output Voltage Noise (A-Weighted): −89 dBV
• Total Harmonic Distortion 0.09%
• Voltage Gain
– LMV1015-15: 15.6 dB
– LMV1015-25: 23.8 dB
• Temperature Range: −40°C to 85°C
• Large Dome 4-Bump DSBGA Package with
Improved Adhesion Technology.

APPLICATIONS
• Cellular Phones
• Headsets
• Mobile Communications
• Automotive Accessories
• PDAs
• Accessory Microphone Products

DESCRIPTION
The LMV1015 is an audio amplifier series for small
form factor electret microphones. This 2-wire portfolio
is designed to replace the JFET amplifier. The
LMV1015 series is ideally suited for applications
requiring high signal integrity in the presence of
ambient or RF noise, such as in cellular
communications. The LMV1015 audio amplifiers are
ensured to operate over a 2.2V to 5.0V supply
voltage range with fixed gains of 15.6 dB and 23.8
dB. The devices offer excellent THD, gain accuracy
and temperature stability as compared to a JFET
microphone.
The LMV1015 series enables a two-pin electret
microphone solution, which provides direct pin-to-pin
compatibility with the existing older JFET market.
Texas Instruments' built-in gain families are offered in extremely thin space saving 4-bump DSBGA
packages (0.3 mm maximum). The LMV1015XR is
designed for 1.0 mm ECM canisters and thicker.
These extremely miniature packages have the Large
Dome Bump (LDB) technology. This DSBGA technology is designed for microphone PCBs
requiring 1 kg adhesion criteria.




Similar Part No. - LMV1015

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
logo
Texas Instruments
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
logo
National Semiconductor ...
LMV1015-15 NSC-LMV1015-15 Datasheet
698Kb / 11P
Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
LMV1015-25 NSC-LMV1015-25 Datasheet
698Kb / 11P
Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
LMV1015UR-15 NSC-LMV1015UR-15 Datasheet
698Kb / 11P
Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
More results


Similar Description - LMV1015

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
Analog Pre-Amplified IC?셲 for High Gain Microphones
LMV1012 NSC-LMV1012 Datasheet
497Kb / 15P
Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
Amplifiers for 3 Wire Analog Electret Microphones
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
Amplifiers for 3-Wire Analog Electret Microphones
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com