Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1031 Datasheet (PDF) - Texas Instruments

LMV1031 Datasheet PDF - Texas Instruments
Part # LMV1031
Download  LMV1031 Download
File Size   484.7 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier

LMV1031 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV1031 Datasheet PDF - Texas Instruments

Part # LMV1031
Download  LMV1031 Click to download

File Size   484.7 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier

LMV1031 Datasheet (HTML) - Texas Instruments


LMV1031 Product details

1FEATURES
2• (Typical LMV1031-20, 2V Supply; Unless
Otherwise Noted)
• Signal to Noise Ratio 62 dB
• Output Voltage Noise (A-Weighted) −86 dBV
• Low Supply Current 72 μA
• Supply Voltage 2V to 5V
• Input Impedance >100 MΩ
• Max Input Signal 108 mVPP
• Output Voltage 1.09V
• Temperature Range −40°C to 85°C
• Large Dome 4-Bump DSBGA Package with
Improved Adhesion Technology

APPLICATIONS
• Mobile Communications - Bluetooth
• Accessory Microphone Products
• Cellular Phones
• PDAs

DESCRIPTION
The LMV1031 audio amplifier is an ideal replacement
for the JFET preamplifier that is currently used in the
electret microphones. The LMV1031 is optimized for
applications that require extended battery life, such
as Bluetooth communication links. The supply current
for the LMV1031 is only 72 μA. This is a dramatic
reduction from that required for a JFET equipped
microphone. The LMV1031, with its separate output
and supply pins, offers a higher PSRR and eliminates
the need for additional external components.
The LMV1031 is ensured to operate from 2V to 5V
supply voltage over the full temperature range, has a
fixed voltage gain of 20 dB and enhanced SNR
performance. The LMV1031 is optimized for an
output biasing of 1.09V.
The LMV1031 has less than 200Ω of output
impedance over the full audio bandwidth. The gain
response of the LMV1031 is flat within the audio band
and is stable over the temperature range.
The LMV1031 is available in a large dome 4-bump
ultra thin DSBGA package that can easily fit on the
PCB inside the miniature microphone metal can
(package). This package is designed for microphone
PCBs requiring 1 kg adhesion criteria.




Similar Part No. - LMV1031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
National Semiconductor ...
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1031UR-20 NSC-LMV1031UR-20 Datasheet
690Kb / 10P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Texas Instruments
LMV1031UR-20 TI1-LMV1031UR-20 Datasheet
726Kb / 12P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1031UR-20/NOPB TI1-LMV1031UR-20/NOPB Datasheet
872Kb / 15P
LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
More results


Similar Description - LMV1031

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
Amplifiers for 3 Wire Analog Electret Microphones
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
Amplifiers for 3-Wire Analog Electret Microphones
LMV1031 TI1-LMV1031_15 Datasheet
872Kb / 15P
LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1032 TI1-LMV1032_15 Datasheet
960Kb / 18P
LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
logo
Maxim Integrated Produc...
MAX11300PMB1 MAXIM-MAX11300PMB1 Datasheet
14Mb / 9P
Internal or External Reference for ADC and DAC
Rev 2; 6/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com