Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1032 Datasheet (PDF) - Texas Instruments

LMV1032 Datasheet PDF - Texas Instruments
Part # LMV1032
Download  LMV1032 Download
File Size   576.07 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1032-06/LMV1032-15/LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones

LMV1032 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV1032 Datasheet PDF - Texas Instruments

Part # LMV1032
Download  LMV1032 Click to download

File Size   576.07 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1032-06/LMV1032-15/LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones

LMV1032 Datasheet (HTML) - Texas Instruments


LMV1032 Product details

1FEATURES
2• (Typical LMV1032-15, 1.7V Supply; Unless
Otherwise Noted)
• Output Voltage Noise (A-weighted) −89 dBV
• Low Supply Current 60 μA
• Supply Voltage 1.7V to 5V
• PSRR 70 dB
• Signal to Noise Ratio 61 dB
• Input Capacitance 2 pF
• Input Impedance >100 MΩ
• Output Impedance <200Ω
• Max Input Signal 170 mVPP
• Temperature Range −40°C to 85°C
• Large Dome 4-Bump DSBGA Package with
Improved Adhesion Technology.

APPLICATIONS
• Mobile Communications - Bluetooth
• Automotive Accessories
• Cellular Phones
• PDAs
• Accessory Microphone Products

DESCRIPTION
The LMV1032s are an audio amplifier series for small
form factor electret microphones. They are designed
to replace the JFET preamp currently being used.
The LMV1032 series is ideal for extended battery life
applications, such as a Bluetooth communication link.
The addition of a third pin to an electret microphones
that incorporates an LMV1032 allows for a dramatic
reduction in supply current as compared to the JFET
equipped electret microphone. Microphone supply
current is thus reduced to 60 μA, assuring longer
battery life. The LMV1032 series is specified for supply voltages from 1.7V to 5V, and has fixed
voltage gains of 6 dB, 15 dB and 25 dB.
The LMV1032 series offers low output impedance
over the voice bandwidth, excellent power supply
rejection (PSRR), and stability over temperature.
The devices are offered in space saving 4-bump ultra
thin DSBGA lead free packages and are thus ideally
suited for the form factor of miniature electret
microphone packages. These extremely miniature
packages have the Large Dome Bump (LDB)
technology. This DSBGA technology is designed for
microphone PCBs requiring 1 kg adhesion criteria.




Similar Part No. - LMV1032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
Amplifiers for 3-Wire Analog Electret Microphones
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06 NSC-LMV1032-06 Datasheet
802Kb / 12P
Amplifiers for 3-Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
Amplifiers for 3-Wire Analog Electret Microphones
LMV1032-15 NSC-LMV1032-15 Datasheet
802Kb / 12P
Amplifiers for 3-Wire Analog Electret Microphones
More results


Similar Description - LMV1032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
Amplifiers for 3 Wire Analog Electret Microphones
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
Amplifiers for 3-Wire Analog Electret Microphones
LMV1024 NSC-LMV1024 Datasheet
1Mb / 17P
PDM Output with Pre-Amplifier for Electret Microphones
logo
Texas Instruments
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
LMV1022 TI1-LMV1022 Datasheet
612Kb / 20P
PDM Output Pre-Amplifier for Electret Microphones
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
Amplifiers for 3-Wire Analog Electret Microphones
LMV1031 TI1-LMV1031_15 Datasheet
872Kb / 15P
LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1032 TI1-LMV1032_15 Datasheet
960Kb / 18P
LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com