Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1099 Datasheet (PDF) - Texas Instruments

LMV1099 Datasheet PDF - Texas Instruments
Part # LMV1099
Download  LMV1099 Download
File Size   494.54 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver

LMV1099 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV1099 Datasheet PDF - Texas Instruments

Part # LMV1099
Download  LMV1099 Click to download

File Size   494.54 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver

LMV1099 Datasheet (HTML) - Texas Instruments


LMV1099 Product details

FEATURES
• Noise Reduction Without DSP-Type Artifacts
• Adapting AGC (Automatic Gain Control) on
Ambient Noise Level and Downlink Signal
Strength
• Downlink Adjustable Noise-reducing High
Pass Filter
• Separate Uplink and Downlink Enable
Functions
• No Added Process Delays
• Low Power Consumption
• Shutdown Function
• Maximum AGC Limiter
• Differential Inputs and Outputs for Noise
Immunity
• Earpiece Amplifier
• Available in a 25-Bump DSBGA Package

APPLICATIONS
• Mobile Handsets
• Mobile and Handheld Two-Way Radios all•
Bluetooth and Other Power Headsets

KEY SPECIFICATIONS
• Uplink Far Field Noise Suppression (Electrical
FFNSE at f = 1kHz) 33dB (typ)
• Near-Field SNR Enhancement 6 to 18dB (typ)
• Downlink SNRIE 16dB (typ)
• Supply Voltage Range 2.7V to 5.5V
• Supply Current (VDD = 3.6V) 3.8mA (typ)
• Shutdown Current 0.06μA (typ)
• Uplink PSRR (f = 217Hz) 106dB (typ)
• Downlink SNR (A-weighted) 102dB (typ)
• Downlink THD+N 0.03% (typ)
• Earpiece Output Power (RL = 32Ω) 83mW (typ)

DESCRIPTION
The LMV1099 is an uplink and downlink voice
intelligibility enhancing analog IC, ideally suited for
mobile handsets. Uplink voice intelligibility is
improved by rejecting far-field noise through a unique
two-microphone solution. Downlink voice intelligibility
is improved by enhancing the SNR (Signal-to-Noise
Ratio) between the downlink voice and the ambient
noise environment at the user’s earpiece.
The LMV1099 preserves uplink near-field voice
signals within close range of the microphones while
rejecting far-field acoustic noise greater than 0.5m
from the microphones.
The LMV1099 also enhances downlink voice
intelligibility by improving near-field SNR based on
the user’s environment. The analog circuitry adapts
dynamically to both the user’s ambient noise
environment as well as the downlink signal amplitude
to ensure optimum SNRI (signal-to-noise ratio
improvement). The downlink path also provides uplink
noise attenuation through an adjustable high pass
filter before the SNR enhanced downlink voice
reaches the user’s earpiece.
Unlike digital-based noise reduction solutions, the all•
analog low power consuming LMV1099 increases
both uplink and downlink voice intelligibility without
DSP-type artifacts, distortions or processing delays.




Similar Part No. - LMV1099

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1099 TI1-LMV1099 Datasheet
720Kb / 26P
Uplink Far Field Noise Suppression & Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
LMV1099TL TI1-LMV1099TL Datasheet
720Kb / 26P
Uplink Far Field Noise Suppression & Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
LMV1099TL/NOPB TI1-LMV1099TL/NOPB Datasheet
940Kb / 27P
LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
LMV1099TLX TI1-LMV1099TLX Datasheet
720Kb / 26P
Uplink Far Field Noise Suppression & Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
LMV1099TLX/NOPB TI1-LMV1099TLX/NOPB Datasheet
940Kb / 27P
LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
More results


Similar Description - LMV1099

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1088 NSC-LMV1088 Datasheet
1Mb / 22P
Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
LMV1090 NSC-LMV1090 Datasheet
752Kb / 24P
Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1091 NSC-LMV1091 Datasheet
859Kb / 20P
Dual Input, Far Field Noise Suppression Microphone Amplifier
logo
Texas Instruments
LMV1099 TI1-LMV1099 Datasheet
720Kb / 26P
Uplink Far Field Noise Suppression & Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
LM49155 TI1-LM49155 Datasheet
222Kb / 8P
Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
LM49155 TI1-LM49155_15 Datasheet
724Kb / 10P
Uplink Noise Suppression & Downlink SNR Enhancement Analog Audio Subsystem
LMV1089 TI1-LMV1089 Datasheet
1Mb / 37P
Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
LMV1090 TI1-LMV1090 Datasheet
857Kb / 25P
LMV1090 Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1091 TI1-LMV1091 Datasheet
805Kb / 22P
Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1099 TI1-LMV1099_15 Datasheet
940Kb / 27P
LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com