Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV242 Datasheet (PDF) - Texas Instruments

LMV242 Datasheet PDF - Texas Instruments
Part # LMV242
Download  LMV242 Download
File Size   607.76 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller

LMV242 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV242 Datasheet PDF - Texas Instruments

Part # LMV242
Download  LMV242 Click to download

File Size   607.76 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller

LMV242 Datasheet (HTML) - Texas Instruments


LMV242 Product details

1FEATURES
2• Support of InGaP HBT, Bipolar Technology
• Quad-Band Operation
• Shutdown Mode for Power Save in RX Slot
• Integrated Ramp Filter
• 50 dB RF Detector
• GPRS Compliant
• External Loop Compensation Option
• Accurate Temperature Compensation
• WSON Package 3x3 mm and Fully Tested Die
Sales

APPLICATIONS
• GSM/GPRS/TDMA/TD_SCDMA Mobile Phone
• Pulse RF Control
• Wireless LAN
• GSM/GPRS Power Amplifier Module
• Transmit Module

DESCRIPTION
The LMV242 is a power amplifier (PA) controller
intended for use within an RF transmit power control
loop in GSM/GPRS mobile phones. The LMV242
supports all single-supply PA’s including InGaP, HBT
and bipolar power amplifiers. The device operates
with a single supply from 2.6V to 5.5V.
Included in the PA controller are an RF detector, a
ramp filter and two selectable output drivers that
function as error amplifiers for two different bands.
The LMV242 input interface consists two analog and
two digital inputs. The analog inputs are the RF input,
Ramp voltage input. The digital inputs perform the
function of “Band Select” and “Shutdown/Transmit
Enable” respectively. The “Band Select” function enables either of two outputs, namely OUT1 when BS
= High, or output OUT2 when BS = Low. The output
that is not enabled is pulled low to the minimum
output voltage. The LMV242 is active in the case
TX_EN = High. When TX_EN = Low the device is in
a low power consumption shutdown mode. During
shutdown both outputs will be pulled low to the
minimum output voltage. Individual PA characteristics
are accommodated by a user selectable external RC
combination.
The LMV242 is offered in fully tested die form as well
as in a 10-lead WSON package and is therefore
especially suitable for small footprint PA module
solutions.




Similar Part No. - LMV242

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Texas Instruments
LMV242 TI-LMV242 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV242 TI2-LMV242 Datasheet
1,017Kb / 23P
LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
REVISED JUNE 2025
LMV2421 TI2-LMV2421 Datasheet
1,017Kb / 23P
LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
REVISED JUNE 2025
LMV2421LDT TI2-LMV2421LDT Datasheet
1,017Kb / 23P
LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
REVISED JUNE 2025
More results


Similar Description - LMV242

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Skyworks Solutions Inc.
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
logo
Freescale Semiconductor...
MMM5062 FREESCALE-MMM5062 Datasheet
1Mb / 22P
Quad-Band GSM GPRS 3.5 V Power Amplifier
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
logo
u-blox AG
SARA-G3 U-BLOX-SARA-G3 Datasheet
1Mb / 48P
Dual and quad-band GSM/GPRS modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com