Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2502 Datasheet (PDF) - Texas Instruments

LMX2502 Datasheet PDF - Texas Instruments
Part # LMX2502
Download  LMX2502 Download
File Size   393.49 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX2502/LMX2512 PLLatinum™ Frequency Synthesizer System with Integrated VCO

LMX2502 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMX2502 Datasheet PDF - Texas Instruments

Part # LMX2502
Download  LMX2502 Click to download

File Size   393.49 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMX2502/LMX2512 PLLatinum™ Frequency Synthesizer System with Integrated VCO

LMX2502 Datasheet (HTML) - Texas Instruments


LMX2502 Product details

1FEATURES
2• Small Size
– 5.0 mm X 5.0 mm X 0.75 mm 28-Pin WQFN
Package
• RF Synthesizer System
– Integrated RF VCO
– Integrated Loop Filter
– Low Spurious, Low Phase Noise Fractional-
N RF PLL Based on 11-Bit Delta Sigma
Modulator
– 10 kHz Frequency Resolution
• IF Synthesizer System
– Integer-N IF PLL
– Programmable Charge Pump Current
Levels
– Programmable Frequency
• Supports Various Reference Frequencies
– 19.20/19.68 MHz
• Fast Lock Time: 500 μs
• Low Current Consumption
– 17 mA at 2.8 V
• 2.7 V to 3.3 V Operation
• Digital Filtered Lock Detect Output
• Hardware and Software Power Down Control

APPLICATIONS
• Korean PCS CDMA Systems
• Korean Cellular CDMA Systems

DESCRIPTION
LMX2502 and LMX2512 are highly integrated, high
performance, low power frequency synthesizer
systems optimized for Korean PCS and Korean
Cellular CDMA (1xRTT, IS-95) mobile handsets.
Using a proprietary digital phase locked loop
technique, LMX2502 and LMX2512 generate very
stable, low noise local oscillator signals for up and
down conversion in wireless communications
devices.
LMX2502 and LMX2512 include a voltage controlled oscillator (VCO), a loop filter, and a fractional-N RF
PLL based on a delta sigma modulator. In concert
these blocks form a closed loop RF synthesizer
system. LMX2502 supports the Korean PCS band
and LMX2512 supports the Korean Cellular band.
LMX2502 and LMX2512 include an Integer-N IF PLL
also. For more flexible loop filter designs, the IF PLL
includes a 4-level programmable charge pump.
Together with an external VCO and loop filter,
LMX2502 and LMX2512 make a complete closed
loop IF synthesizer system.
Serial data is transferred to the device via a threewire
MICROWIRE interface (DATA, LE, CLK).
Operating supply voltage ranges from 2.7 V to 3.3 V.
LMX2502 and LMX2512 feature low current
consumption: 17 mA at 2.8 V.
LMX2502 and LMX2512 are available in a 28-pin
WQFN package.




Similar Part No. - LMX2502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2502LQ1635 NSC-LMX2502LQ1635 Datasheet
184Kb / 18P
PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502LQ1635/NOPB TI1-LMX2502LQ1635/NOPB Datasheet
842Kb / 24P
LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2502LQX1635 NSC-LMX2502LQX1635 Datasheet
184Kb / 18P
PLLatinum??Frequency Synthesizer System with Integrated VCO
More results


Similar Description - LMX2502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2522 TI1-LMX2522 Datasheet
853Kb / 26P
LMX2522/LMX2532 PLLatinum??Frequency Synthesizer System with Integrated VCOs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com