Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP311 Datasheet (PDF) - Texas Instruments

LP311 Datasheet PDF - Texas Instruments
Part # LP311
Download  LP311 Download
File Size   453.42 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES

LP311 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP311 Datasheet PDF - Texas Instruments

Part # LP311
Download  LP311 Click to download

File Size   453.42 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES

LP311 Datasheet (HTML) - Texas Instruments


LP311 Product details

Low Power Drain . . . 900 μW Typical With
5-V Supply
Operates From ±15 V or From a Single
Supply as Low as 3 V
Output Drive Capability of 25 mA
Emitter Output Can Swing Below Negative
Supply
Response Time . . . 1.2 μs Typ
Low Input Currents:
Offset Current . . . 2 nA Typ
Bias Current . . . 15 nA Typ
Wide Common-Mode Input Range:
−14.5 V to 13.5 V Using ±15-V Supply
Offset Balancing and Strobe Capability
Same Pinout as LM211, LM311
Designed To Be Interchangeable With
Industry-Standard LP311

description/ordering information
The LP211 and LP311 devices are low-power versions of the industry-standard LM211 and LM311 devices.
They take advantage of stable, high-value, ion-implanted resistors to perform the same function as the LM311
series, with a 30:1 reduction in power consumption, but only a 6:1 slowdown in response time. They are well
suited for battery-powered applications and all other applications where fast response times are not needed.
They operate over a wide range of supply voltages, from ±18 V down to a single 3-V supply with less than 300-μA
current drain, but are still capable of driving a 25-mA load. The LP211 and LP311 are quite easy to apply free
of oscillation if ordinary precautions are taken to minimize stray coupling from the output to either input or to the
trim pins. In addition, offset balancing is available to minimize input offset voltage. Strobe capability also is
provided to turn off the output (regardless of the inputs) by pulling the strobe pin low.
The LP211 is characterized for operation from −25°C to 85°C. The LP311 is characterized for operation from
0°C to 70°C.




Similar Part No. - LP311

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP311 NSC-LP311 Datasheet
154Kb / 6P
LP311 Voltage Comparator
logo
Texas Instruments
LP311 TI-LP311 Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP311 TI1-LP311 Datasheet
403Kb / 8P
Voltage Comparator
LP311-N TI1-LP311-N Datasheet
403Kb / 8P
Voltage Comparator
logo
Lowpower Semiconductor ...
LP3110 POWER-LP3110 Datasheet
262Kb / 9P
2X Mode for Ultra-High Efficiency
More results


Similar Description - LP311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
DIFFERENTIAL COMPARATOR WITH STROBES
LM111 TI-LM111 Datasheet
506Kb / 25P
DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
DIFFERENTIAL COMPARATORS WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
DIFFERENTIAL COMPARATOR WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
DIFFERENTIAL COMPARATOR WITH STROBES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com