Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP358D Datasheet (PDF) - Texas Instruments

LP358D Datasheet PDF - Texas Instruments
Part # LP358D
Download  LP358D Download
File Size   770.78 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Low Power Dual Operational Amplifiers

LP358D Datasheet (PDF)

Go To PDF Page Download Datasheet
LP358D Datasheet PDF - Texas Instruments

Part # LP358D
Download  LP358D Click to download

File Size   770.78 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Low Power Dual Operational Amplifiers

LP358D Datasheet (HTML) - Texas Instruments


LP358D Product details

1 Features
1• Low Supply Current: 54 μA (Typical)
• Low Offset Voltage: 2 mV (Typical)
• Low Input Bias Current: 2 nA (Typical)
• Input Common-Mode to GND
• Wide Supply Voltage: 3 V < VCC < 32 V
• Pin Compatible With LM358 and LM2904

2 Applications
• LCD Displays
• Portable Instrumentation
• Sensor and Metering Equipment
• Consumer Electronics (MP3 Players, Toys)
• Power Supplies

3 Description
The LP358 and LP2904 devices are dual low-power
operational amplifiers especially suited for batteryoperated
applications. Good input specifications and
wide supply-voltage range still are achieved despite
the ultra-low supply current. Single-supply operation
is achieved with an input common-mode range that
includes GND.
The LP358 and LP2904 devices are ideal in
applications where wide supply voltages and low
power are more important than speed and bandwidth.
These applications include portable instrumentation,
LCD displays, consumer electronics (MP3 players,
toys, and so forth), and power supplies.




Similar Part No. - LP358D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP358D TI-LP358D Datasheet
144Kb / 6P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
LP358D TI-LP358D Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
LP358DE4 TI-LP358DE4 Datasheet
144Kb / 6P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
LP358DE4 TI-LP358DE4 Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
LP358DG4 TI-LP358DG4 Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
More results


Similar Description - LP358D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
LP358 TI-LP358 Datasheet
144Kb / 6P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
logo
Texas Instruments
LP358 TI-LP358_07 Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com