Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK61E2-100M Datasheet (PDF) - Texas Instruments

LMK61E2-100M Datasheet PDF - Texas Instruments
Part # LMK61E2-100M
Download  LMK61E2-100M Download
File Size   554.14 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK61XX High-Performance Ultra-Low Jitter Oscillator

LMK61E2-100M Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK61E2-100M Datasheet PDF - Texas Instruments

Part # LMK61E2-100M
Download  LMK61E2-100M Click to download

File Size   554.14 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK61XX High-Performance Ultra-Low Jitter Oscillator

LMK61E2-100M Datasheet (HTML) - Texas Instruments


LMK61E2-100M Product details

1 Features
1• Ultra-low Noise, High Performance
– Jitter: 90 fs RMS Typical Fout > 100 MHz
– PSRR: –70 dBc, Robust Supply Noise
Immunity
• Supported Output Format
– LVPECL up to 1 GHz
– LVDS up to 900 MHz
– HCSL up to 400 MHz
• Total Frequency Tolerance of ± 50 ppm
(LMK61X2) and ± 25 ppm (LMK61X0)
• 3.3-V Operating Voltage
• Industrial Temperature Range (–40ºC to +85ºC)
• 7 mm × 5 mm 6-Pin Package, Pin-Compatible
With Industry Standard 7050 XO Package

2 Applications
• High-Performance Replacement for Crystal, SAW,
or Silicon-Based Oscillators
• Switches, Routers, Network Line Cards, Base
Band Units (BBU), Servers, Storage/SAN
• Test and Measurement
• Medical Imaging
• FPGA, Processor Attach

3 Description
The LMK61XX is an ultra-low jitter oscillator that
generates a commonly used reference clock. The
device is pre-programmed in factory to support any
reference clock frequency; supported output formats
are LVPECL up to 1 GHz, LVDS up to 900 MHz, and
HCSL up to 400 MHz. Internal power conditioning
provide excellent power supply ripple rejection
(PSRR), reducing the cost and complexity of the
power delivery network. The device operates from a
single 3.3 V ± 5% supply.




Similar Part No. - LMK61E2-100M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
980Kb / 22P
High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00 TI1-LMK61E2-100M00 Datasheet
980Kb / 22P
High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00 TI1-LMK61E2-100M00 Datasheet
463Kb / 22P
High-Performance Ultra-Low Jitter Oscillator
LMK61E2-100M00SIAR TI1-LMK61E2-100M00SIAR Datasheet
1Mb / 23P
High-Performance Ultra-Low Jitter Oscillator
More results


Similar Description - LMK61E2-100M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
High-Performance Ultra-Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
High-Performance Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
High-Performance Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
High-Performance Ultra-Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
High Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
High-Performance Low Jitter Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com