Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7984BCPZ Datasheet (PDF) - Analog Devices

AD7984BCPZ Datasheet PDF - Analog Devices
Part # AD7984BCPZ
Download  AD7984BCPZ Download
File Size   722.42 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN

AD7984BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7984BCPZ Datasheet PDF - Analog Devices

Part # AD7984BCPZ
Download  AD7984BCPZ Click to download

File Size   722.42 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN

AD7984BCPZ Datasheet (HTML) - Analog Devices


AD7984BCPZ Product details

GENERAL DESCRIPTION
The AD79841 is an 18-bit, successive approximation, analog-to-digital converter (ADC) that operates from a single power supply, VDD. It contains a low power, high speed, 18-bit sampling ADC and a versatile serial interface port. On the CNV rising edge, the AD7984 samples the voltage difference between the IN+ and IN− pins. The voltages on these pins usually swing in opposite phases between 0 V and VREF. The reference voltage, REF, is applied externally and can be set independent of the supply voltage, VDD.

FEATURES
   High performance
      True differential analog input range: ±VREF
         0 V to VREF with VREF between 2.9 V to 5 V
         Easy to drive with the ADA4941
      Throughput: 1.33 MSPS
         Zero latency architecture
      18-bit resolution with no missing codes
      INL: ±2.25 LSB maximum
      Dynamic range: 99.7 dB, VREF = 5 V
      SNR: 98.5 dB at fIN = 1 kHz, VREF = 5 V
      THD: −110.5 dB at fIN = 1 kHz, VREF = 5 V
      SINAD: 97.5 dB at fIN = 1 kHz, VREF = 5 V
   Low power dissipation
      Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V
         logic interface
      5.3 mW at 1.33 MSPS (VDD only)
      10.5 mW at 1.33 MSPS (total)
      80 μW at 10 kSPS
   Proprietary serial interface
      SPI/QSPI/MICROWIRE™/DSP compatible
   Ability to daisy-chain multiple ADCs and busy indicator
   10-lead MSOP and 10-lead, 3 mm × 3 mm LFCSP
   Wide operating temperature range: −40°C to +85°C

APPLICATIONS
   Automated test equipment
   Data acquisition systems
   Medical instruments
   Machine automation




Similar Part No. - AD7984BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7984BCPZ-RL AD-AD7984BCPZ-RL Datasheet
657Kb / 25P
18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
23-Feb-2017
AD7984BCPZ-RL7 AD-AD7984BCPZ-RL7 Datasheet
657Kb / 25P
18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
23-Feb-2017
More results


Similar Description - AD7984BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7982 AD-AD7982 Datasheet
416Kb / 23P
18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7983 AD-AD7983 Datasheet
612Kb / 24P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7982BRMZRL7 AD-AD7982BRMZRL7 Datasheet
570Kb / 24P
18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. B
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
14-Apr-2017
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com