Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3114LUG-B Datasheet (PDF) - TT Electronics.

SW3114LUG-B Datasheet PDF - TT Electronics.
Part # SW3114LUG-B
Download  SW3114LUG-B Download
File Size   235.85 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INSTALLATION WALL MOUNT POWER SUPPLY 12VDC 2A

SW3114LUG-B Datasheet (PDF)

Go To PDF Page Download Datasheet
SW3114LUG-B Datasheet PDF - TT Electronics.

Part # SW3114LUG-B
Download  SW3114LUG-B Click to download

File Size   235.85 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description INSTALLATION WALL MOUNT POWER SUPPLY 12VDC 2A

SW3114LUG-B Datasheet (HTML) - TT Electronics.


SW3114LUG-B Product details

Features:
• Universal / Full Range AC Input
• Fixed AC Mains lead—UK plug fitted—Can be cut off for direct wiring
• Small & compact design
• Meets latest energy efficiency legislation
• Safety Approved
• Integral fixing lugs suitable for mounting
• High reliability MTBF 50K hours




Similar Part No. - SW3114LUG-B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3114-B TTELEC-SW3114-B Datasheet
243Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 24WATT
22/05/2020
More results


Similar Description - SW3114LUG-B

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Vitec Power
MTWA11-SERIES Vitec-MTWA11-SERIES Datasheet
291Kb / 2P
10W Wall Mount Power Supply for I.T. Equipment
SHWA12C-SERIES Vitec-SHWA12C-SERIES Datasheet
418Kb / 2P
12W Wall Mount Power Supply for Medical Equipment
SIWA11-SERIES Vitec-SIWA11-SERIES Datasheet
289Kb / 2P
10W Wall Mount Power Supply for Industrial Equipment
SMWA12C-SERIES Vitec-SMWA12C-SERIES Datasheet
340Kb / 2P
12W Medical Grade Wall Mount Power Supply
SHWA12C Vitec-SHWA12C Datasheet
418Kb / 2P
12W Wall Mount Power Supply for Medical Equipment
SMWA12C Vitec-SMWA12C Datasheet
340Kb / 2P
12W Medical Grade Wall Mount Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
List of Unclassifed Man...
GBSH124 ETC-GBSH124 Datasheet
884Kb / 9P
SHOWER WALL INSTALLATION MANUAL
2018-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com