Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3315 Datasheet (PDF) - TT Electronics.

SW3315 Datasheet PDF - TT Electronics.
Part # SW3315
Download  SW3315 Download
File Size   344.77 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description OPEN FRAME POWER SUPPLY 12VDC 12WATT

SW3315 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW3315 Datasheet PDF - TT Electronics.

Part # SW3315
Download  SW3315 Click to download

File Size   344.77 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description OPEN FRAME POWER SUPPLY 12VDC 12WATT

SW3315 Datasheet (HTML) - TT Electronics.


SW3315 Product details

Features:
• Universal / Full range AC input
• JST input and output connectors (XH type)
• Fully enclosed attractive plastic case
• Protections: Over Voltage, Short Circuit, Over Current
• Cost effective and high reliability
• Safety approved
• Level V ErP/EuP efficiency compliant
• MTBF >50,000 hours
Description:
The 12W open frame power supply range has been specially designed to offer high efficiency, long life and high reliability for use in a variety of applications. Each model is approved to CE, CB, UL and comes with a 3 year warranty.




Similar Part No. - SW3315

ManufacturerPart #DatasheetDescription
logo
AUK corp
SW3317E-G AUK-SW3317E-G Datasheet
278Kb / 6P
High Brightness White LED Lamp
logo
KODENSHI_AUK CORP.
SW3317E-G KODENSHI-SW3317E-G Datasheet
292Kb / 3P
LAMP LED
logo
TT Electronics.
SW3318-C-A TTELEC-SW3318-C-A Datasheet
300Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 30WATT
22/05/2020
logo
AUK corp
SW3318-GB AUK-SW3318-GB Datasheet
323Kb / 5P
High Brightness LED Lamp
SW3318E-G AUK-SW3318E-G Datasheet
281Kb / 6P
High Brightness White LED Lamp
More results


Similar Description - SW3315

ManufacturerPart #DatasheetDescription
logo
CUI INC
VS-100F-5 CUI-VS-100F-5 Datasheet
86Kb / 2P
Open Frame Power Supply
VS-100F-7 CUI-VS-100F-7 Datasheet
86Kb / 2P
Open Frame Power Supply
VS-100F-12 CUI-VS-100F-12 Datasheet
86Kb / 2P
Open Frame Power Supply
VS-100F-15 CUI-VS-100F-15 Datasheet
86Kb / 2P
Open Frame Power Supply
VS-100F-24 CUI-VS-100F-24 Datasheet
86Kb / 2P
Open Frame Power Supply
VS-100F-48 CUI-VS-100F-48 Datasheet
86Kb / 2P
Open Frame Power Supply
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
Open Frame Switching Power Supply
logo
Delta Electronics, Inc.
PJ-12V150WBNA DELTA-PJ-12V150WBNA Datasheet
1Mb / 14P
PJ Open Frame Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
Open Frame Switching Power Supply
logo
Advantech Co., Ltd.
96PSO-A60W24 ADVANTECH-96PSO-A60W24 Datasheet
263Kb / 2P
OPEN FRAME Power Supply
04-Aug-2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com