Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3470B Datasheet (PDF) - TT Electronics.

SW3470B Datasheet PDF - TT Electronics.
Part # SW3470B
Download  SW3470B Download
File Size   321.46 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EXTERNAL DSEKTOP POWER SUPPLY 24VDC 90WATT

SW3470B Datasheet (PDF)

Go To PDF Page Download Datasheet
SW3470B Datasheet PDF - TT Electronics.

Part # SW3470B
Download  SW3470B Click to download

File Size   321.46 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EXTERNAL DSEKTOP POWER SUPPLY 24VDC 90WATT

SW3470B Datasheet (HTML) - TT Electronics.


SW3470B Product details

Features:
• Universal Input
• IEC-320-C6 Input Connector
• 3 Year Warranty
• Efficiency Level VI
• Safety approved to: UL,CUL,GS,PSE,BSMI,CB,RCM UL62368-1, EN62368-1, UKCA62368-1 (Pending)
Description:
Our Range of 90 watt AC/DC switch mode power supplies provide 90 watts of continuous output power in a high quality compact enclosure suitable for many general power applications.




Similar Part No. - SW3470B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3473G TTELEC-SW3473G Datasheet
377Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 30WATT
20/01/2023
SW3477D TTELEC-SW3477D Datasheet
351Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 12VDC 130WATT
29/09/2021
SW3479-VI TTELEC-SW3479-VI Datasheet
369Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 120WATT
12/12/2022
SW3479-VI-2.5 TTELEC-SW3479-VI-2.5 Datasheet
406Kb / 3P
EXTERNAL DSEKTOP POWER SUPPLY 24VDC 120WATT
01/10/2021
More results


Similar Description - SW3470B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
Contec Co., Ltd
CPS-PWD-30AW24-01 CONTEC-CPS-PWD-30AW24-01 Datasheet
355Kb / 2P
24VDC AC-DC Power Supply Unit
CPS-PWD-90AW24-01 CONTEC-CPS-PWD-90AW24-01 Datasheet
372Kb / 2P
24VDC AC-DC Power Supply Unit
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
Four Position External Battery Power Supply
Rev:B
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
Subminiature Tachometer Requires No External Power Supply
logo
NHP Electrical Engineer...
2080-PS120-240VAC NHP-2080-PS120-240VAC Datasheet
584Kb / 1P
M800 POWER SUPPLY 110-240VAC TO 24VDC 1.6A
6 June 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com