Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4009U-VI Datasheet (PDF) - TT Electronics.

SW4009U-VI Datasheet PDF - TT Electronics.
Part # SW4009U-VI
Download  SW4009U-VI Download
File Size   367.52 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description USA 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT

SW4009U-VI Datasheet (PDF)

Go To PDF Page Download Datasheet
SW4009U-VI Datasheet PDF - TT Electronics.

Part # SW4009U-VI
Download  SW4009U-VI Click to download

File Size   367.52 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description USA 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT

SW4009U-VI Datasheet (HTML) - TT Electronics.


SW4009U-VI Product details

Features:
• USA Fixed AC Head
• 1 Year Warranty
• Level VI Efficiency
• CE Approved
Description:
Our Range of Class II 12 Watt AC/DC USA plug-in power supplies provide 12 Watts of continuous power in a compact fixed wall plug enclosure suitable for use in many general power applications.




Similar Part No. - SW4009U-VI

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4009D TTELEC-SW4009D Datasheet
397Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
28/05/2020
SW4009H TTELEC-SW4009H Datasheet
397Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
28/05/2020
More results


Similar Description - SW4009U-VI

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
EC4A15HM ETC2-EC4A15HM Datasheet
187Kb / 3P
5-6WATT 2 1 INPUT RANGE DC-DC CONVERTERS
76000934 ETC2-76000934 Datasheet
41Kb / 1P
AC Power Supply - 5VDC. U.S. 2-pin to 2.5mm locking barrel plug. Compatibility
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
Schneider Electric
782XDXH21-12D SCHNEIDER-782XDXH21-12D Datasheet
99Kb / 4P
Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 12VDC
Jul 22, 2021
782XDXH10-12D SCHNEIDER-782XDXH10-12D Datasheet
102Kb / 4P
Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 12VDC
Jul 22, 2021
logo
Advantech Co., Ltd.
PS23VDC3P ADVANTECH-PS23VDC3P Datasheet
218Kb / 1P
Hardened AC Power Adapter, 12VDC, 36W, USA Plug
logo
Coolgear Inc.
12V7A2P-A COOLGEAR-12V7A2P-A Datasheet
381Kb / 2P
12V 6A Power Supply for 2 Pin USB Hub Power A
logo
WECO ELECTRICAL CONNECT...
322-SVW WECO-322-SVW Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin, plug-in direction vertical, long pin
07.18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com