Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F352 Datasheet (PDF) - Silicon Laboratories

C8051F352 Datasheet PDF - Silicon Laboratories
Part # C8051F352
Download  C8051F352 Download
File Size   2298.4 Kbytes
Page   234 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 8 k ISP Flash MCU Family

C8051F352 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F352 Datasheet PDF - Silicon Laboratories

Part # C8051F352
Download  C8051F352 Click to download

File Size   2298.4 Kbytes
Page   234 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 8 k ISP Flash MCU Family

C8051F352 Datasheet (HTML) - Silicon Laboratories


C8051F352 Product details

System Overview

C8051F350/1/2/3 devices are fully integrated mixed-signal System-on-a-Chip MCUs. Highlighted features

are listed below. Refer to Ta b l e 1.1for specific product feature selection.



• High-speed pipelined 8051-compatible microcontroller core (up to 50 MIPS)

• In-system, full-speed, non-intrusive debug interface (on-chip)

• 24 or 16-bit single-ended/differential ADC with analog multiplexer

• Two 8-bit Current Output DACs

• Precision programmable 24.5 MHz internal oscillator

• 8 kB of on-chip Flash memory

• 768 bytes of on-chip RAM

• SMBus/I2C, Enhanced UART, and SPI serial interfaces implemented in hardware

• Four general-purpose 16-bit timers

• Programmable counter/timer array (PCA) with three capture/compare modules and watchdog timer function

• On-chip power-on reset, VDDmonitor, and temperature sensor

• On-chip voltage comparator

• 17 Port I/O (5 V tolerant)



Analog Peripherals

- 24 or 16-Bit ADC

  •No missing codes

  • 0.0015% nonlinearity

  • Programmable conversion rates up to 1 ksps

  • 8-Input multiplexer

  • 1x to 128x PGA

  • Built-in temperature sensor

- Two 8-Bit Current Output DACs

- Comparator

  • Programmable hysteresis and response time

  • Configurable as interrupt or reset source

  • Low current (0.4 µA)

On-chip Debug

- On-chip debug circuitry facilitates full speed, non intrusive in-system debug (No emulator required)

- Provides breakpoints, single stepping, inspect/modify memory and registers

- Superior performance to emulation systems using ICE-Chips, target pods, and sockets

- Low Cost, CompleteDevelopment Kit

Supply Voltage 2.7 to 3.6 V

- Typical operating current: 5.8 mA @ 25 MHz;

                                    11 µA @ 32 kHz

- Typical stop mode current: 0.1 µA

Temperature Range: –40 to +85 °C

High Speed 8051 µC Core

- Pipelined Instruction architecture; executes 70% of instructions in 1 or 2 system clocks

- Up to 50 MIPS throughput

- Expanded interrupt handler

Memory

- 768 Bytes (256 + 512) On-Chip RAM

- 8 kB Flash; In-system programmable in 512-byte Sectors

Digital Peripherals

- 17 Port I/O; All 5 V tolerant with high sink current

- Enhanced UART, SMBus™, and SPI™ Serial Ports

- Four general purpose 16-bit counter/timers

- 16-bit programmable counter array (PCA) with three capture/compare modules

- Real time clock mode using PCA or timer and external clock source

Clock Sources

- Internal Oscillator: 24.5 MHz with ± 2% accuracy supports UART operation

- External Oscillator: Crystal, RC, C, or clock (1 or 2 pin modes)

- Clock multiplier to achieve 50 MHz internal clock

- Can switch between clock sources on-the-fly

28-Pin QFN or 32-Pin LQFP Package

- 5 x 5 mm PCB footprint with 28-QFN




Similar Part No. - C8051F352

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F352 SILABS-C8051F352 Datasheet
3Mb / 221P
8 k ISP Flash MCU Family
Rev. 1.2
More results


Similar Description - C8051F352

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
8K ISP FLASH MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
8/16 kB ISP Flash MCU Family
C8051F021-GQR SILABS-C8051F021-GQR Datasheet
1Mb / 272P
8K ISP FLASH MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
8K ISP FLASH MCU Family
Rev. 1.7
C8051F060 SILABS-C8051F060_V01 Datasheet
5Mb / 330P
8K ISP FLASH MCU Family
Rev. 1.3
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
8K ISP FLASH MCU Family
Rev. 1.5
C8051F320 SILABS-C8051F320_V01 Datasheet
4Mb / 254P
Full Speed USB, 16 k ISP FLASH MCU Family
Rev. 1.4
C8051F350 SILABS-C8051F350_V01 Datasheet
3Mb / 221P
8 k ISP Flash MCU Family
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com