Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2983 Datasheet (PDF) - Texas Instruments

LP2983 Datasheet PDF - Texas Instruments
Part # LP2983
Download  LP2983 Download
File Size   700.86 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors

LP2983 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2983 Datasheet PDF - Texas Instruments

Part # LP2983
Download  LP2983 Click to download

File Size   700.86 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors

LP2983 Datasheet (HTML) - Texas Instruments


LP2983 Product details

1 Features
1• Operating Input Supply Voltage: 2.2 V to 16 V
• Output Current: 150 mA
• Low ZOUT: 0.3 Ω Typical (10 Hz to 1 MHz)
• Stable with Low-ESR Output Capacitor
• Low Ground Pin Current at All Loads
• Output Voltage Accuracy 1% (A Grade)
• High Peak Current Capability
• Wide Supply Voltage Range (16 V Maximum)
• Overtemperature and Overcurrent Protection
• −40°C to +125°C Junction Temperature Range
• Requires Minimum External Components

2 Applications
• Cellular Phones
• Palmtop/Laptop Computers
• Personal Digital Assistants (PDA)
• Camcorders, Personal Stereos, Cameras

3 Description
The LP2983 is a 150-mA, fixed-output voltage
regulator designed to provide tight voltage regulation
in applications with output voltages ≤ 1.2 V.
Using an optimized vertically integrated PNP (VIP)
process, the LP2983 delivers unequaled performance
in all critical specifications:
• Ground pin current: Typically 825 μA at a 150-mA
load, and 75 μA at a 1-mA load.
• Enhanced stability: The LP2983 is stable with
output capacitor ESR down to zero, which allows
the use of ceramic capacitors on the output.
• Precision output: 1% tolerance output voltages
available (A grade).
• Smallest possible size: SOT-23 package uses
absolute minimum board space.




Similar Part No. - LP2983

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2983 TI1-LP2983 Datasheet
1Mb / 25P
Micropower 150-mA Voltage Regulator in SOT-23 Package
logo
National Semiconductor ...
LP2983AIM5-0.9 NSC-LP2983AIM5-0.9 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
LP2983AIM5-1.0 NSC-LP2983AIM5-1.0 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2983AIM5-1.0/NOPB TI1-LP2983AIM5-1.0/NOPB Datasheet
1Mb / 25P
Micropower 150-mA Voltage Regulator in SOT-23 Package
More results


Similar Description - LP2983

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2983 TI-LP2983_15 Datasheet
964Kb / 18P
LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2983 TI1-LP2983 Datasheet
1Mb / 25P
Micropower 150-mA Voltage Regulator in SOT-23 Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com