Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTV133 Datasheet (PDF) - Momentive Performance Materials

RTV133 Datasheet PDF - Momentive Performance Materials
Part # RTV133
Download  RTV133 Download
File Size   342.41 Kbytes
Page   8 Pages
Manufacturer  MOMENTIVE [Momentive Performance Materials]
Direct Link  https://www.momentive.com/en-us
Logo MOMENTIVE - Momentive Performance Materials
Description SNAPSIL™ RTV133 SILICONE RUBBER ADHESIVE SEALANT

RTV133 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTV133 Datasheet PDF - Momentive Performance Materials

Part # RTV133
Download  RTV133 Click to download

File Size   342.41 Kbytes
Page   8 Pages
Manufacturer  MOMENTIVE [Momentive Performance Materials]
Direct Link  https://www.momentive.com/en-us
Logo MOMENTIVE - Momentive Performance Materials
Description SNAPSIL™ RTV133 SILICONE RUBBER ADHESIVE SEALANT

RTV133 Datasheet (HTML) - Momentive Performance Materials


RTV133 Product details

Description
SNAPSIL RTV133 is a black, one-component, ready-to-use, rubber adhesive sealant and is an excellent candidate to consider for use in applications in the electronic, aerospace, appliance, transportation and other industries where resistance to burning of the finished product is a significant design consideration. On exposure to moisture in the air at room temperature, this adhesive sealant cures to a tough, durable, resilient silicone rubber. It utilizes an atomospheric moisture cure system, which releases an alcohol vapor from the sealant surface during cure. RTV133 sealant offers generally low odor cure with virtually no unpleasant smell or pungent cure by-products. It is, however, somewhat slower curing both in tack-free time and cure-through time than many atmosheric moisture cure silicone adhesive sealants that give off acetic acid vapors as a cure by-product.
Because SNAPSIL RTV133 sealant has a paste-like consistency and will flow only with external pressure, it may be considered for use on horizontal, vertical and overhead surfaces in thicknesses to 6mm (¼ in.). It has sufficient uncured body to typically adhere to small objects while cure is taking place. For applications requiring sealant thickness greater than 6mm (¼ in.), Momentive Performance Materials one-component, addition cure or two-component silicone rubber compounds with similar properties are available for consideration.
Typical applications include coatings for electronic and integrated circuits and semi-conductors and connections on electronic parts assemblies. Because of the typically low odor of its cure by-product, SNAPSIL RTV133 sealant may be considered for mechanical applications in confined work areas where the odor of other moisture vapor cure sealants might be objectionable.

Key Features and Typical Benefits
One-component product
Thixotropic paste consistency
Low flammability-has a UL rating of V-0 or V-1 using UL-94 test
Capability to cure at room temperature and ambient humidity conditions
Self adhesion properties
Resistance to high temperatures
Low temperature flexibility
Operating temperature range of -60~205°C (-70~400°F)
Excellent weatherability and ozone and chemical resistance
Excellent electrical insulation properties
Non-halogen flame retardants




Similar Part No. - RTV133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTV106-300ML ETC2-RTV106-300ML Datasheet
106Kb / 2P
1-Part Adhesive Sealant RTV106
RTV106-85ML ETC2-RTV106-85ML Datasheet
106Kb / 2P
1-Part Adhesive Sealant RTV106
RTV162 ETC-RTV162 Datasheet
172Kb / 8P
Technical Data Sheet
Rev. 2021-05-05 1:44 PM
More results


Similar Description - RTV133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR3003 ETC2-LR3003 Datasheet
108Kb / 2P
Liquid Silicone Rubber
RTV106-85ML ETC2-RTV106-85ML Datasheet
106Kb / 2P
1-Part Adhesive Sealant RTV106
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
P-MUSB-C111-XX AMPHENOL-P-MUSB-C111-XX Datasheet
213Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C311-XX AMPHENOL-P-MUSB-C311-XX Datasheet
140Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-C511-XX AMPHENOL-P-MUSB-C511-XX Datasheet
153Kb / 2P
GASKET - SILICONE RUBBER, BLACK
P-MUSB-D511-XX AMPHENOL-P-MUSB-D511-XX Datasheet
81Kb / 2P
GASKET - SILICONE RUBBER
logo
3M Electronics
740UV 3M-740UV Datasheet
499Kb / 5P
3M??SMP Adhesive Sealant 740UV
5200 3M-5200 Datasheet
49Kb / 5P
Marine Adhesive/Sealant Fast Cure 5200
Feb-2012
logo
List of Unclassifed Man...
AS1803 ETC-AS1803 Datasheet
53Kb / 1P
SILCOTHERM 1 Part RTV silicone adhesive sealant paste non corrosive
25/11/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com