Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2989LV Datasheet (PDF) - Texas Instruments

LP2989LV Datasheet PDF - Texas Instruments
Part # LP2989LV
Download  LP2989LV Download
File Size   720.74 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2989LV Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors

LP2989LV Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2989LV Datasheet PDF - Texas Instruments

Part # LP2989LV
Download  LP2989LV Click to download

File Size   720.74 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2989LV Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors

LP2989LV Datasheet (HTML) - Texas Instruments


LP2989LV Product details

1 Features
1• 2.1-V to 16-V Input Voltage Range
• Ultra-Low Dropout Voltage
• 500-mA Continuous Output Current
• Very Low Output Noise With External Capacitor
• < 0.8-μA Quiescent Current When Shut Down
• Low Ground Pin Current at All Loads
• 0.75% Output Voltage Accuracy (A Grade)
• High Peak Current Capability (800-mA typical)
• Overtemperature and Overcurrent Protection
• −40°C to +125°C Junction Temperature Range

2 Applications
• Notebooks and Desktop PCs
• PDAs and Palmtop Computers
• Wireless Communication Pins
• SMPS Post-Regulators

3 Description
The LP2989LV is a fixed-output 500-mA precision
LDO regulator designed for use with ceramic output capacitors.
Output noise can be reduced to 18 μV (typical) by
connecting an external 10-nF capacitor to the bypass
pin.
Using an optimized Vertically Integrated PNP (VIP)
process, the LP2989LV delivers superior
performance:
Ground Pin Current: Typically 3 mA at 500-mA load,
and 110 μA at 100-μA load.
Sleep Mode: The LP2989LV draws less than 0.8-μA
quiescent current when SHUTDOWN pin is pulled
low.
ERROR Flag: The built-in ERROR flag goes low
when the output drops approximately 5% below nominal.
Precision Output: Output voltage accuracy is 0.75%
(A grade) and 1.25% (standard grade) at room
temperature.
For output voltages greater than or equal to 2 V, see
the LP2989 (SNVS083) data sheet.




Similar Part No. - LP2989LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2989LV TI-LP2989LV Datasheet
1Mb / 26P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
More results


Similar Description - LP2989LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2989 NSC-LP2989 Datasheet
616Kb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP2989AILD-5.0 TI-LP2989AILD-5.0 Datasheet
997Kb / 19P
LP2989 Micropower/Low Noise, 500 mA Ultra Low-Dropout RegulatorFor Use with Ceramic Output Capacitors
LP2989AIM-5.0 TI-LP2989AIM-5.0 Datasheet
997Kb / 19P
LP2989 Micropower/Low Noise, 500 mA Ultra Low-Dropout RegulatorFor Use with Ceramic Output Capacitors
LP2989 TI-LP2989_15 Datasheet
1Mb / 34P
LP2989 Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
LP2989LV TI-LP2989LV_15 Datasheet
1Mb / 26P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator for Use With Ceramic Output Capacitors
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com