Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38512 Datasheet (PDF) - Texas Instruments

LP38512 Datasheet PDF - Texas Instruments
Part # LP38512
Download  LP38512 Download
File Size   746.68 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38512-1.8 1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag

LP38512 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP38512 Datasheet PDF - Texas Instruments

Part # LP38512
Download  LP38512 Click to download

File Size   746.68 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38512-1.8 1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag

LP38512 Datasheet (HTML) - Texas Instruments


LP38512 Product details

1FEATURES
2• 2.25V to 5.5V Input Voltage Range
• 1.8V Fixed Output Voltage
• 1.5A Output Load Current
• ±2.5% Accuracy Over Line, Load, and Full-
Temperature Range from -40°C to +125°C
• Stable with Tiny 10 μF Ceramic Capacitors
• 0.20% Output Voltage Load Regulation from 10
mA to 1.5A
• Enable Pin
• Error Flag Indicates Status of Output Voltage
• 1uA of Quiescent Current in Shutdown
• 40dB of PSRR at 100 kHz
• Over-Temperature and Over-Current
Protection
• DDPAK/TO-263 and PFM Surface Mount
Packages

APPLICATIONS
• Digital Core ASICs, FPGAs, and DSPs
• Servers
• Routers and Switches
• Base Stations
• Storage Area Networks
• DDR2 Memory

DESCRIPTION
The LP38512-1.8 Fast-Transient Response Low-
Dropout Voltage Regulator offers the highest-
performance in meeting AC and DC accuracy
requirements for powering Digital Cores. The
LP38512-1.8 uses a proprietary control loop that
enables extremely fast response to change in line
conditions and load demands. Output Voltage DC
accuracy is specified at 2.5% over line, load and full
temperature range from -40°C to +125°C. The
LP38512-1.8 is designed for inputs from the 2.5V,
3.3V, and 5.0V rail, is stable with 10 μF ceramic
capacitors, and has a fixed 1.8V output. An Error Flag
feature monitors the output voltage and notifies the
system processor when the output voltage falls more
than 15% below the nominal value. The LP38512-1.8
provides excellent transient performance to meet the demand of high performance digital core ASICs,
DSPs, and FPGAs found in highly-intensive
applications such as servers, routers/switches, and
base stations.




Similar Part No. - LP38512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI-LP38512 Datasheet
1Mb / 21P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512-1.8 TI1-LP38512-1.8 Datasheet
359Kb / 16P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 TI1-LP38512-1.8 Datasheet
1Mb / 20P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Similar Description - LP38512

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 NSC-LP38512_09 Datasheet
366Kb / 14P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com