Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3876-ADJ Datasheet (PDF) - Texas Instruments

LP3876-ADJ Datasheet PDF - Texas Instruments
Part # LP3876-ADJ
Download  LP3876-ADJ Download
File Size   579.03 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator

LP3876-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3876-ADJ Datasheet PDF - Texas Instruments

Part # LP3876-ADJ
Download  LP3876-ADJ Click to download

File Size   579.03 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator

LP3876-ADJ Datasheet (HTML) - Texas Instruments


LP3876-ADJ Product details

1FEATURES
2• Ultra Low Dropout Voltage
• Low Ground Pin Current
• Load Regulation of 0.08%
• 1μA Quiescent Current in Shutdown Mode
• Specified Output Current of 3A DC
• Available in DDPAK/TO-263 and TO-220
Packages
• Minimum output Capacitor Requirements
• Overtemperature/Overcurrent Protection
• −40°C to +125°C Junction Temperature Range

APPLICATIONS
• Microprocessor Power Supplies
• GTL, GTL+, BTL, and SSTL bus terminators
• Power Supplies for DSPs
• SCSI Terminator
• Post Regulators
• High Efficiency Linear Regulators
• Battery Chargers
• Other Battery Powered Applications

DESCRIPTION
The LP3876-ADJ fast ultra low-dropout linear
regulators operate from a +2.5V to +7.0V input
supply. These ultra low dropout linear regulators
respond very quickly to step changes in load, which
makes them suitable for low voltage microprocessor
applications. The LP3876-ADJ is developed on a CMOS process which allows low quiescent current
operation independent of output load current. This
CMOS process also allows the LP3876-ADJ to
operate under extremely low dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically
80mV at 300mA load current and 800mV at 3A load
current.
Ground Pin Current: Typically 6mA at 3A load
current.
Shutdown Mode: Typically 1μA quiescent current
when the shutdown pin is pulled low.
Adjustable Output Voltage: The output voltage may
be programmed via two external resistors.




Similar Part No. - LP3876-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
3A Fast Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ Datasheet
1,017Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
LP3876-ADJ TI-LP3876-ADJ_15 Datasheet
981Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
More results


Similar Description - LP3876-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
3A Fast Ultra Low Dropout Linear Regulator
LP38513 NSC-LP38513 Datasheet
398Kb / 14P
3A Fast Response Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ Datasheet
1,017Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
LP38513 TI1-LP38513_14 Datasheet
2Mb / 20P
3A Fast Response Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ_15 Datasheet
981Kb / 19P
LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
LP38513 TI1-LP38513 Datasheet
2Mb / 25P
3A Fast Response Ultra-Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com