Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38843 Datasheet (PDF) - Texas Instruments

LP38843 Datasheet PDF - Texas Instruments
Part # LP38843
Download  LP38843 Download
File Size   569.54 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38843 3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors

LP38843 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP38843 Datasheet PDF - Texas Instruments

Part # LP38843
Download  LP38843 Click to download

File Size   569.54 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38843 3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors

LP38843 Datasheet (HTML) - Texas Instruments


LP38843 Product details

1FEATURES
2• Ideal for Conversion From 1.8V or 1.5V Inputs
• Designed for use with low ESR Ceramic
Capacitors
• 0.8V, 1.2V and 1.5V Standard Voltages
Available
• Ultra Low Dropout Voltage (210mV at 3A typ)
• 1.5% Initial Output Accuracy
• Load Regulation of 0.1%/A (Typical)
• 30nA Quiescent Current in Shutdown (Typical)
• Low Ground Pin Current at all Loads
• Over Temperature/Over Current Protection
• Available in 5 Lead TO-220 and DDPAK/TO-263
Packages
• −40°C to +125°C Junction Temperature Range

APPLICATIONS
• ASIC Power Supplies In:
– Desktops, Notebooks, and Graphics Cards,
Servers
– Gaming Set Top Boxes, Printers and
Copiers
• Server Core and I/O Supplies
• DSP and FPGA Power Supplies
• SMPS Post-Regulator

DESCRIPTION
The LP38843 is a high-current, fast-response
regulator which can maintain output voltage
regulation with minimum input to output voltage drop.
Fabricated on a CMOS process, the device operates
from two input voltages: Vbias provides voltage to
drive the gate of the N-MOS power transistor, while
Vin is the input voltage which supplies power to the
load. The use of an external bias rail allows the part
to operate from ultra low Vin voltages. Unlike bipolar
regulators, the CMOS architecture consumes
extremely low quiescent current at any output load
current. The use of an N-MOS power transistor
results in wide bandwidth, yet minimum external
capacitance is required to maintain loop stability.
The fast transient response of these devices makes
them suitable for use in powering DSP,
Microcontroller Core voltages and Switch Mode
Power Supply post regulators. The parts are available
in TO-220 and DDPAK/TO-263 packages.
Dropout Voltage: 210 mV (typ) at 3A load current.
Quiescent Current: 30 mA (typ) at full load.
Shutdown Current: 30 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature
accuracy.




Similar Part No. - LP38843

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38843 NSC-LP38843 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38843 TI-LP38843 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38843S-0.8 NSC-LP38843S-0.8 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843S-1.2 NSC-LP38843S-1.2 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38843S-1.2 TI-LP38843S-1.2 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results


Similar Description - LP38843

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38842 NSC-LP38842 Datasheet
626Kb / 11P
1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 NSC-LP38841 Datasheet
595Kb / 10P
0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843 NSC-LP38843 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38842 TI1-LP38842 Datasheet
989Kb / 17P
1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI1-LP38841 Datasheet
1Mb / 18P
0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI-LP38841_15 Datasheet
1Mb / 17P
LP38841 0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842-ADJ TI-LP38842-ADJ_15 Datasheet
846Kb / 15P
1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com