Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923 Datasheet (PDF) - Texas Instruments

LP3923 Datasheet PDF - Texas Instruments
Part # LP3923
Download  LP3923 Download
File Size   597.07 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3923 Cellular Phone Power Management Unit

LP3923 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3923 Datasheet PDF - Texas Instruments

Part # LP3923
Download  LP3923 Click to download

File Size   597.07 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3923 Cellular Phone Power Management Unit

LP3923 Datasheet (HTML) - Texas Instruments


LP3923 Product details

1FEATURES
2• Integrated Li-Ion Battery Charger with Power
FET, Thermal Regulation and 28V OVP
• Six Low-Noise LDOs, Two LILO LDOs
– 3 x 300 mA
– 4 x 150 mA
– 1 x 80 mA
• One High Efficiency Synchronous Magnetic
Buck Regulators, IOUT 700 mA
– High Efficiency PFM Mode @low I OUT
– Auto Mode PFM/PWM Switch
– Low Inductance 2.2 μH @ 2 MHz Clock
• I2C-compatible Interface for Controlling LDO
Outputs and Charger Operation
• Thermal Shutdown with Early Warning Alarm
• Under-Voltage Lockout
• 30-bump 3.0 x 2.5 mm DSBGA Package

APPLICATIONS
• Cellular Handsets

KEY SPECIFICATIONS
• 50 mA to 1200 mA Charging Current
• 3.0V to 5.5V Input Voltage Range
• 135 mV typ. Dropout Voltage @ 300 mA LDOs
• 2% (typ.) Output Voltage accuracy on LDOs
• 700 mA (typ.) Buck Regulator

DESCRIPTION
The LP3923 is a fully Integrated Power Management
Unit (PMU) designed for CDMA cellular phones.
The LP3923 PMU contains a fully integrated Li-Ion
battery charger with power FET and over-voltage- protection (OVP), one Buck regulator, 8 low-noise
low-dropout (LDO) voltage regulators, and a high-
speed serial interface to program on/off conditions
and output voltages of individual regulators, and to
read status information of the PMU. Two LILO (low- input, low-output) type LDOs with separate power
input provide an application option for pre-regulated
high efficient power management for longer battery
life.




Similar Part No. - LP3923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3923 TI1-LP3923 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3923 TI1-LP3923 Datasheet
1Mb / 37P
Cellular Phone Power Management Unit
LP3923TL TI1-LP3923TL Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3923TL-VB TI1-LP3923TL-VB Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3923TL-VB/NOPB TI1-LP3923TL-VB/NOPB Datasheet
1Mb / 37P
Cellular Phone Power Management Unit
More results


Similar Description - LP3923

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6038KN ROHM-BH6038KN Datasheet
404Kb / 6P
Power Management for Cellular Phone
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
Power management IC for cellular phone
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
Audio Management for cellular phone
logo
National Semiconductor ...
LP3941A NSC-LP3941A Datasheet
779Kb / 32P
Cellular Phone Power Management Unit
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
CDMA Cellular Phone Power Management IC
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
logo
Texas Instruments
LP3923 TI1-LP3923 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3941 TI1-LP3941 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
LP3923 TI1-LP3923_15 Datasheet
1Mb / 37P
Cellular Phone Power Management Unit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com