Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP395 Datasheet (PDF) - Texas Instruments

LP395 Datasheet PDF - Texas Instruments
Part # LP395
Download  LP395 Download
File Size   420.02 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP395 Ultra Reliable Power Transistor

LP395 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP395 Datasheet PDF - Texas Instruments

Part # LP395
Download  LP395 Click to download

File Size   420.02 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP395 Ultra Reliable Power Transistor

LP395 Datasheet (HTML) - Texas Instruments


LP395 Product details

1FEATURES
2• Internal Thermal Limiting
• Internal Current and Power Limiting
• Specified 100 mA Output Current
• 0.5 μA Typical Base Current
• Directly Interfaces with TTL or CMOS
• +36 Volts On Base Causes No Damage
• 2 μs Switching Time

DESCRIPTION
The LP395 is a fast monolithic transistor with
complete overload protection. This very high gain
transistor has included on the chip, current limiting,
power limiting, and thermal overload protection,
making it difficult to destroy from almost any type of
overload. Available in an epoxy TO-92 transistor
package this device is specified to deliver 100 mA.
Thermal limiting at the chip level, a feature not
available in discrete designs, provides
comprehensive protection against overload.
Excessive power dissipation or inadequate heat
sinking causes the thermal limiting circuitry to turn off
the device preventing excessive die temperature.
The LP395 offers a significant increase in reliability
while simplifying protection circuitry. It is especially
attractive as a small incandescent lamp or solenoid
driver because of its low drive requirements and
blowout-proof design.
The LP395 is easy to use and only a few precautions
need be observed. Excessive collector to emitter
voltage can destroy the LP395 as with any transistor.
When the device is used as an emitter follower with a
low source impedance, it is necessary to insert a 4.7
kΩ resistor in series with the base lead to prevent possible emitter follower oscillations. Also since it has
good high frequency response, supply by-passing is
recommended.
Areas where the LP395 differs from a standard NPN
transistor are in saturation voltage, leakage
(quiescent) current and in base current. Since the
internal protection circuitry requires voltage and
current to function, the minimum voltage across the
device in the on condition (saturated) is typically 1.6
Volts, while in the off condition the quiescent
(leakage) current is typically 200 μA. Base current in
this device flows out of the base lead, rather than into
the base as is the case with conventional NPN
transistors. Also the base can be driven positive up to
36 Volts without damage, but will draw current if
driven negative more than 0.6 Volts. Additionally, if
the base lead is left open, the LP395 will turn on.
The LP395 is a low-power version of the 1-Amp
LM195/LM295/LM395 Ultra Reliable Power
Transistor.
The LP395 is rated for operation over a −40°C to
+125°C range.




Similar Part No. - LP395

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP395 NSC-LP395 Datasheet
130Kb / 5P
Ultra Reliable Power Transistor
logo
Texas Instruments
LP395 TI1-LP395 Datasheet
294Kb / 12P
Ultra Reliable Power Transistor
logo
National Semiconductor ...
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
logo
Texas Instruments
LP3950 TI1-LP3950 Datasheet
1Mb / 38P
Color LED Driver with Audio Synchronizer
logo
National Semiconductor ...
LP3950SL NSC-LP3950SL Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
More results


Similar Description - LP395

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
Ultra Reliable Power Transistors
LP395 NSC-LP395 Datasheet
130Kb / 5P
Ultra Reliable Power Transistor
LM295 NSC-LM295 Datasheet
230Kb / 11P
Ultra Reliable Power Transistors
logo
Texas Instruments
LM195QML TI1-LM195QML Datasheet
347Kb / 18P
LM195QML Ultra Reliable Power Transistors
logo
TDK Electronics
LDV12-12-1R0 TDK-LDV12-12-1R0 Datasheet
1Mb / 4P
INNOVATING RELIABLE POWER
LDV12-15-R80 TDK-LDV12-15-R80 Datasheet
1Mb / 4P
INNOVATING RELIABLE POWER
LDV12-24-R50 TDK-LDV12-24-R50 Datasheet
1Mb / 4P
INNOVATING RELIABLE POWER
logo
Texas Instruments
LM195 TI1-LM195_13 Datasheet
1Mb / 20P
Ultra Reliable Power Transistors
LP395 TI1-LP395 Datasheet
294Kb / 12P
Ultra Reliable Power Transistor
LM195QML TI1-LM195QML_13 Datasheet
910Kb / 16P
Ultra Reliable Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com