Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958 Datasheet (PDF) - Texas Instruments

LP3958 Datasheet PDF - Texas Instruments
Part # LP3958
Download  LP3958 Download
File Size   575.8 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Lighting Management Unit with High Voltage Boost Converter

LP3958 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3958 Datasheet PDF - Texas Instruments

Part # LP3958
Download  LP3958 Click to download

File Size   575.8 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Lighting Management Unit with High Voltage Boost Converter

LP3958 Datasheet (HTML) - Texas Instruments


LP3958 Product details

1FEATURES
2• High-Efficiency Boost Converter With
Programmable Output Voltage
• Two Individual Drivers for Serial Display
Backlight LEDs
• Three Drivers for Serial Keypad LEDs
• Automatic Dimming Controller
• Stand Alone Serial Leypad LEDs Controller
• Three General-Purpose IO Pins
• 25-Bump DSBGA Package: 2.54mm x 2.54mm
x 0.6mm

APPLICATIONS
• Cellular Phones and PDAs
• MP3 Players
• Digital Cameras

DESCRIPTION
LP3958 is a Lighting Management Unit for portable
applications. It is used to drive display backlight and
keypad LEDs. The device can drive 5 separately
connected strings of LEDs with high voltage boost
converter.
The keypad LED driver allows driving LEDs from high
voltage boost converter or separate supply
voltage.The MAIN and SUB outputs are high
resolution current mode drivers. Keypad LED outputs
can be used in switch mode and current mode.
External PWM control can be used for any selected
outputs.
The device is controlled through 2-wire low voltage I2C compatible interface that reduces the number of
required connections.
LP3958 is offered in a tiny 25-bump DSBGA
package.




Similar Part No. - LP3958

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3958 NSC-LP3958 Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
logo
Texas Instruments
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
logo
National Semiconductor ...
LP3958TL NSC-LP3958TL Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
logo
Texas Instruments
LP3958TL/NOPB TI1-LP3958TL/NOPB Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
logo
National Semiconductor ...
LP3958TLX NSC-LP3958TLX Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
More results


Similar Description - LP3958

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
Power AND Lighting Management Unit
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
Advanced Lighting Management Unit
LP3958 NSC-LP3958 Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
logo
Texas Instruments
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
Advanced Lighting Management Unit
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
LP5526 TI1-LP5526_15 Datasheet
1Mb / 41P
Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com