Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988-Q1 Datasheet (PDF) - Texas Instruments

LP3988-Q1 Datasheet PDF - Texas Instruments
Part # LP3988-Q1
Download  LP3988-Q1 Download
File Size   681.91 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3988-Q1 Micropower, 150-mA Ultra-Low-Dropout CMOS LDO With Power Good

LP3988-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3988-Q1 Datasheet PDF - Texas Instruments

Part # LP3988-Q1
Download  LP3988-Q1 Click to download

File Size   681.91 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3988-Q1 Micropower, 150-mA Ultra-Low-Dropout CMOS LDO With Power Good

LP3988-Q1 Datasheet (HTML) - Texas Instruments


LP3988-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C4B
• Operating Input Voltage 2.5 V to 6 V
• Power-Good Flag Output
• Logic-Controlled Enable
• Stable With Ceramic and High-Quality Tantalum
Capacitors
• Fast Turnon
• Thermal Shutdown and Short-Circuit Current Limit
• 5-Pin SOT-23 Package

2 Applications
• Automotive
• CDMA Cellular Handsets
• Wideband CDMA Cellular Handsets
• GSM Cellular Handsets
• Portable Information Appliances

3 Description
The LP3988-Q1 is a 150-mA low-dropout regulator
designed specially to meet requirements of portable
battery applications. The LP3988-Q1 works with a
space-saving 1-μF ceramic capacitor. The LP3988-
Q1 features an error flag-output that indicates a faulty
output condition.
The LP3988-Q1 has performance optimized for
battery-powered systems to deliver low noise,
extremely low dropout voltage, and low quiescent
current. Regulator ground current increases only
slightly in dropout, further prolonging the battery life.
Power-supply rejection is better than 60 dB at low
frequencies and starts to roll off at 10 kHz. The
device maintains high power-supply rejection down to
lower input voltage levels common to batteryoperated
circuits.
The device is ideal for mobile phone and similar
battery-powered wireless applications. It provides up
to 150 mA, from a 2.5-V to 6-V input, consuming less
than 1 μA in disable mode, and has fast turnon time
less than 200 μs.
The LP3988-Q1 is available in a 5-pin SOT-23
package, has performance specified for the −40°C to
+125°C temperature range, and is available in a 2.85-
V output voltage. For other voltage options, contact TI
sales.




Similar Part No. - LP3988-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3988-Q1 TI1-LP3988-Q1 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI2-LP3988-Q1 Datasheet
720Kb / 26P
LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
REVISED OCTOBER 2015
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
More results


Similar Description - LP3988-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
List of Unclassifed Man...
B4151 ETC1-B4151 Datasheet
52Kb / 4P
150 mA CMOS Low Dropout LDO
logo
Texas Instruments
LP3988 TI-LP3988_15 Datasheet
1,010Kb / 25P
LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com