Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520 Datasheet (PDF) - Texas Instruments

LP5520 Datasheet PDF - Texas Instruments
Part # LP5520
Download  LP5520 Download
File Size   751.0 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5520 RGB Backlight LED Driver

LP5520 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5520 Datasheet PDF - Texas Instruments

Part # LP5520
Download  LP5520 Click to download

File Size   751.0 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5520 RGB Backlight LED Driver

LP5520 Datasheet (HTML) - Texas Instruments


LP5520 Product details

1 Features
1• Temperature Compensated LED Intensity and
Color
• Individual Calibration Coefficients for Each Color
• Color Accuracy ΔX and ΔY ≤ 0.003
• 12-Bit ADC for Measurement of 2 Sensors
• Adjustable Current Outputs for Red, Green, and
Blue (RGB) LED
• 0.2% Typical LED Output Current Matching
• PWM Control Inputs for Each Color
• SPI™ and I2C-Compatible Interface
• Stand-Alone Mode With One-Wire Control
• Sequential Mode for One Color at a Time
• Magnetic High Efficiency Boost Converter
• Programmable Output Voltage from 5 V to 20 V
• Adaptive Output Voltage Control Option
• < 2-μA Typical Shutdown Current

2 Applications
• Color LCD Display Backlighting
• LED Lighting Applications

3 Description
The LP5520 is an RGB backlight LED driver for small
format color LCDs. RGB backlights enable better
colors on the display and power savings compared
with white LED backlights. The device offers a small
and simple driver solution without need for optical
feedback. Calibration in display module production
can be done in one temperature. The LP5520
produces true white light over a wide temperature
range. Three independent LED drivers have accurate
programmable current sinks and PWM modulation
control. Using internal calibration memory and
external temperature sensor, the RGB LED currents
are adjusted for perfect white balance independent of
the brightness setting or temperature. The user
programmable calibration memory has intensity vs
temperature data for each color. This white balance
calibration data can be programmed to the memory
on the production line of a backlight module.
The device has a magnetic boost converter that
creates a supply voltage of up to 20 V LED from the
battery voltage. The output can be set at 1-V steps
from 5 V to 20 V. In adaptive mode the circuit
automatically adjusts the output voltage to minimum
sufficient level for lowest power consumption.
Temperature is measured using an external
temperature sensor placed close to the LEDs. The
second ADC input can be used, for example, for
ambient light measurement.




Similar Part No. - LP5520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
logo
Texas Instruments
LP5520 TI1-LP5520 Datasheet
1Mb / 46P
RGB Backlight LED Driver
logo
National Semiconductor ...
LP5520TL NSC-LP5520TL Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
logo
Texas Instruments
LP5520TL/NOPB TI1-LP5520TL/NOPB Datasheet
1Mb / 46P
RGB Backlight LED Driver
logo
National Semiconductor ...
LP5520TLX NSC-LP5520TLX Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
More results


Similar Description - LP5520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
logo
Allegro MicroSystems
A8504 ALLEGRO-A8504 Datasheet
556Kb / 18P
WLED/RGB Backlight Driver for Medium Size LCDs
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
LED backlight driver IC
Rev. 02-2 December 2008
logo
ON Semiconductor
NCS29001 ONSEMI-NCS29001 Datasheet
208Kb / 16P
LED Backlight Driver
October, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
logo
Texas Instruments
LP5520 TI1-LP5520_16 Datasheet
1Mb / 46P
RGB Backlight LED Driver
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
LED Backlight Driver
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com