Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3990 Datasheet (PDF) - Texas Instruments

LP3990 Datasheet PDF - Texas Instruments
Part # LP3990
Download  LP3990 Download
File Size   420.79 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications

LP3990 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3990 Datasheet PDF - Texas Instruments

Part # LP3990
Download  LP3990 Click to download

File Size   420.79 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications

LP3990 Datasheet (HTML) - Texas Instruments


LP3990 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
• Input Voltage Range: 2 V to 6 V
• 1% Voltage Accuracy at Room Temperature
• Output Voltage Range: 0.8 V to 3.3 V
• Output Current: 150 mA
• Logic Controlled Enable
• Thermal-Overload and Short-Circuit Protection
• Virtually Zero I Q (Disabled), < 10 nA
• Very Low IQ (Enabled): 43 μA
• Low Output Noise: 150 μVRMS
• PSRR: 55 dB at 1 kHz
• Fast Start-Up: 105 μs
• Stable with Ceramic Capacitor
• Output Stable - Capacitors, 1 μF
• No Noise Bypass Capacitor Required

2 Applications
• Infotainment
• Instrumentation
• Body Electronics

3 Description
The LP3990-Q1 regulator is designed to meet the
requirements of portable, battery-powered systems providing an accurate output voltage, low-noise, and
low-quiescent current. The LP3990-Q1 will provide a
0.8-V output from the low input voltage of 2 V at up to
a 150-mA load current. When switched into shutdown
mode via a logic signal at the enable pin (EN), the
power consumption is reduced to virtually zero.
The LP3990-Q1 is designed to be stable with spacesaving
ceramic capacitors with values as low as 1 μF.
Performance is specified for a –40°C to +125°C junction temperature range.
For output voltage options please refer to package
option addendum (POA) or contact the Texas
Instruments Sales Office.




Similar Part No. - LP3990

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990 TI-LP3990 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990 Datasheet
1Mb / 28P
150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI2-LP3990 Datasheet
724Kb / 30P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
REVISED SEPTEMBER 2014
More results


Similar Description - LP3990

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
150mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
300mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
LP3991 300-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
150-mA Linear Voltage Regulator for Digital Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com