Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC662 Datasheet (PDF) - Texas Instruments

LPC662 Datasheet PDF - Texas Instruments
Part # LPC662
Download  LPC662 Download
File Size   644.1 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPC662 Low Power CMOS Dual Operational Amplifier

LPC662 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC662 Datasheet PDF - Texas Instruments

Part # LPC662
Download  LPC662 Click to download

File Size   644.1 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPC662 Low Power CMOS Dual Operational Amplifier

LPC662 Datasheet (HTML) - Texas Instruments


LPC662 Product details

General Description
The LPC662 CMOS Dual operational amplifier is ideal for
operation from a single supply. It features a wide range of
operating voltage from +5V to +15V, rail-to-rail output swing
in addition to an input common-mode range that includes
ground. Performance limitations that have plagued CMOS
amplifiers in the past are not a problem with this design.
Input VOS, drift, and broadband noise as well as voltage gain
(into 100 kW and 5 kW) are all equal to or better than widely
accepted bipolar equivalents, while the power supply
requirement is typically less than 0.5 mW.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LPC660 datasheet for a Quad CMOS operational
amplifier and LPC661 for a single CMOS operational
amplifier with these same features.

Applications
n High-impedance buffer
n Precision current-to-voltage converter
n Long-term integrator
n High-impedance preamplifier
n Active filter
n Sample-and-Hold circuit
n Peak detector

Features
n Rail-to-rail output swing
n Micropower operation (<0.5 mW)
n Specified for 100 kW and 5 kW loads
n High voltage gain
n Low input offset voltage
n Low offset voltage drift
n Ultra low input bias current
n Input common-mode includes GND
n Operating range from +5V to +15V
n Low distortion
n Slew rate
n Full military temperature range available




Similar Part No. - LPC662

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPC662 NSC-LPC662 Datasheet
585Kb / 16P
Low Power CMOS Dual Operational Amplifier
logo
Texas Instruments
LPC662 TI1-LPC662 Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
logo
National Semiconductor ...
LPC662AIM NSC-LPC662AIM Datasheet
585Kb / 16P
Low Power CMOS Dual Operational Amplifier
logo
Texas Instruments
LPC662AIM TI1-LPC662AIM Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
LPC662AIM/NOPB TI1-LPC662AIM/NOPB Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
More results


Similar Description - LPC662

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662 Datasheet
585Kb / 16P
Low Power CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
CMOS Low power dual operational amplifier
logo
Advanced Linear Devices
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
Low Power CMOS Operational Amplifier
LPC662 NSC-LPC662_14 Datasheet
644Kb / 20P
Low Power CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6022IMX TI-LMC6022IMX Datasheet
1Mb / 22P
LMC6022 Low Power CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
CMOS Low power dual operational amplifier
logo
Texas Instruments
LPC662 TI1-LPC662 Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com