Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1009 Datasheet (PDF) - Texas Instruments

LT1009 Datasheet PDF - Texas Instruments
Part # LT1009
Download  LT1009 Download
File Size   209.38 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V INTEGRATED REFERENCE CIRCUIT

LT1009 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1009 Datasheet PDF - Texas Instruments

Part # LT1009
Download  LT1009 Click to download

File Size   209.38 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V INTEGRATED REFERENCE CIRCUIT

LT1009 Datasheet (HTML) - Texas Instruments


LT1009 Product details

1FEATURES
• Excellent Temperature Stability
• Initial Tolerance: 0.2% Typical
• Dynamic Impedance: 0.6 Ω Typical
• Wide Operating Current Range
• Directly Interchangeable With LM136
• Needs No Adjustment for Minimum
Temperature Coefficient
• Available in Military (–55°C/125°C)
Temperature Range (1)

DESCRIPTION/ORDERING INFORMATION
The LT1009 reference circuit is a precision-trimmed 2.5-V shunt regulator featuring low dynamic impedance and
a wide operating current range. The reference tolerance is achieved by on-chip trimming, which minimizes the
initial voltage tolerance and the temperature coefficient, αVZ.
Although the LT1009 needs no adjustments, a third terminal (ADJ) allows the reference voltage to be adjusted
±5% to eliminate system errors. In many applications, the LT1009 can be used as a terminal-for-terminal
replacement for the LM136-2.5, which eliminates the external trim network.
The LT1009 uses include 5-V system references, 8-bit analog-to-digital converter (ADC) and digital-to-analog
converter (DAC) references, and power-supply monitors. The device also can be used in applications such as
digital voltmeters and current-loop measurement and control systems.
The LT1009 is characterized for operation from –55°C to 125°C.




Similar Part No. - LT1009

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
2.5V Reference
logo
Texas Instruments
LT1009 TI-LT1009 Datasheet
328Kb / 17P
2.5-V INTEGRATED REFERENCE CIRCUIT
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
119Kb / 8P
2.5V Reference
logo
Linear Integrated Syste...
LT1009 LINEAR-LT1009 Datasheet
105Kb / 8P
2.5V Reference
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
123Kb / 8P
2.5V Reference
More results


Similar Description - LT1009

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1060 NEC-UPC1060 Datasheet
53Kb / 8P
2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
logo
Texas Instruments
LM236 TI-LM236 Datasheet
95Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUITS
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
2.5-V INTEGRATED REFERENCE CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com